Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3404.0010.11 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 3404.0010.11
Description  Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.0010.11 Datasheet(HTML) 1 Page - Schurter Inc.

  3404.0010.11 Datasheet HTML 1Page - Schurter Inc. 3404.0010.11 Datasheet HTML 2Page - Schurter Inc. 3404.0010.11 Datasheet HTML 3Page - Schurter Inc. 3404.0010.11 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Non resettable fuses
OMF 125
www.schurter.com /PG01_2
Fuses
Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
Exemplary part photo depending on
part no.
UL 248-14 · 125VAC · 125VDC · Quick-Acting F
Description
- Directly solderable on printed circuit boards
Standards
- UL 248-14
- CSA C22.2 no. 248.14
Approvals
- UL File Number: E41599
- CSA File Number: 51172
References
Packaging Details
Corresponding Fuseholder OMH 125
Assembled Fuseholder OMK 125
Fuse Kit Fuse Kit OMF
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
125 VAC, 125 VDC
Rated current
0.063 - 10 A
Breaking Capacity
100 A
Characteristic
Quick-Acting F
Mounting
PCB,SMT
Admissible Ambient Air Temp. -40 °C to 125 °C
Climatic Category
40/85/21 acc. to IEC 60068-1
Material: Housing
Thermoplastic, UL 94V-0
Material: Terminals
Tin-Plated Copper Alloy
Unit Weight
0.08 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Approvals
Soldering Methods
Reflow, Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-58,
Test Td
Load Humidity Test
MIL-STD-202, Method 103B
0.1 x In @ 0.85 r.H. @ 85°C
Moisture Resistance Test
MIL-STD-202, Method 106E
(50 cycles in a temp./mister chamber)
Terminal Strength
MIL-STD-202, Method 211A
(Deflection of board 1 mm for 1 minute)
Case Resistance
acc. to EIA/IS-722, Test 4.7
>100 M
Ω (between leeds and body)
Mechanical Shock
MIL-STD-202, Method 213B
(Shock 50g, half sine wave, 11 ms)
Vibration, High Frequency
MIL-STD-202, Method 204D
Shock 20 gn, 20 min, 10-2 kHz, 12 cyc.
Resistance to Solvents
MIL-STD-202, Method 215A
Flammability
min. UL 94V-1
(acc. to EIA/IS-722, Test 4.12)
Dimension
7.4 mm
1.6
4
5.8
7.4
2
3.1
1.6
3.5
3
Soldering pads


Similar Part No. - 3404.0010.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.0010.xx SCHURTER-3404.0010.xx Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
More results

Similar Description - 3404.0010.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMF125 SCHURTER-OMF125 Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_V01 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_18 Datasheet
325Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
MKF SCHURTER-MKF_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MKF SCHURTER-MKF Datasheet
400Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
172876 SCHURTER-172876 Datasheet
415Kb / 2P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
172876 SCHURTER-172876_18 Datasheet
284Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com