Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3403.0170.11 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3403.0170.11
Description  Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3403.0170.11 Datasheet(HTML) 3 Page - Schurter Inc.

  3403.0170.11 Datasheet HTML 1Page - Schurter Inc. 3403.0170.11 Datasheet HTML 2Page - Schurter Inc. 3403.0170.11 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
UMT 250
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.25 In
max [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
1
250
125
2)
300
164
500
2.8
l
l
l
l
l
l
3403.0166.11
1
250
125
2)
300
164
500
2.8
l
l
l
l
l
l
3403.0166.24
1.25
250
125
2)
300
138
1000
4.5
l
l
l
l
l
l
3403.0167.11
1.25
250
125
2)
300
138
1000
4.5
l
l
l
l
l
l
3403.0167.24
1.6
250
125
2)
300
124
1000
6.9
l
l
l
l
l
l
3403.0168.11
1.6
250
125
2)
300
124
1000
6.9
l
l
l
l
l
l
3403.0168.24
2
250
125
2)
300
102
1000
7.3
l
l
l
l
l
l
3403.0169.11
2
250
125
2)
300
102
1000
7.3
l
l
l
l
l
l
3403.0169.24
2.5
250
125
2)
300
90
1200
7.5
l
l
l
l
l
l
3403.0170.11
2.5
250
125
2)
300
90
1200
7.5
l
l
l
l
l
l
3403.0170.24
3.15
250
125
2)
300
95
1500
14
l
l
l
l
l
l
3403.0171.11
3.15
250
125
2)
300
95
1500
14
l
l
l
l
l
l
3403.0171.24
4
250
125
2)
300
78
2000
26
l
l
l
l
l
l
3403.0172.11
4
250
125
2)
300
78
2000
26
l
l
l
l
l
l
3403.0172.24
5
250
125
3)
300
76
2500
38
l
l
l
l
l
3403.0173.11
5
250
125
3)
300
76
2500
38
l
l
l
l
l
3403.0173.24
6.3
250
125
3)
300
71
3000
66
l
l
l
l
l
3403.0174.11
6.3
250
125
3)
300
71
3000
66
l
l
l
l
l
3403.0174.24
8
250
125
4)
220
72
3000
113
l
l
3403.0175.11
8
250
125
4)
220
72
3000
113
l
l
3403.0175.24
10
250
125
4)
220
73
3500
166
l
l
3403.0176.11
10
250
125
4)
220
73
3500
166
l
l
3403.0176.24
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) IEC: 200 A @ 250 VAC, p.f.
≥ 0.95 / 100 A @ 125 VDC
1) UL: 200 A @ 277 VAC / 100 A @ 125 VDC / 35 A @ 250 VDC / 200 A @ 63 VAC/DC
2) IEC: 200 A @ 250 VAC, p.f.
≥ 0.95 / 100 A @ 125 VDC
2) UL: 200 A @ 277 VAC / 100 A @ 125 VDC / 35 A @ 250 VDC / 200 A @ 63 VAC/DC
2) PSE: 100 A @ 250 VAC
3) IEC: 100 A @ 250 VAC, p.f.
≥ 0.95 / 100 A 125 VDC
3) UL: 100 A @ 250 VAC / 100 A @ 125 VDC / 35 A @ 250 VDC / 200 A @ 63 VAC/DC
3) PSE: 100 A @ 250 VAC
4) UL: 35 A @ 250 VAC / 35 A @ 125 VDC / 200 A @ 63 VAC/DC
4) PSE: 100 A @ 250 VAC
The 80 mA variant may not be to replace the 80 mA used with gold caps UMT (Au).
Packaging Unit
.xx = .11 Plastic Bag (100 pcs.)
.xx = .24 Blister Tape 33 cm Reel (2000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3403.0170.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3403.0170.xx SCHURTER-3403.0170.xx Datasheet
546Kb / 3P
   Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
More results

Similar Description - 3403.0170.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMT SCHURTER-UMT Datasheet
546Kb / 3P
   Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
UMT250 SCHURTER-UMT250_18 Datasheet
476Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_18 Datasheet
273Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V01 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_16 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V02 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
OMT125 SCHURTER-OMT125 Datasheet
410Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_16 Datasheet
252Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB_18 Datasheet
282Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com