Electronic Components Datasheet Search |
|
1490356-7 Datasheet(PDF) 4 Page - Tyco Electronics |
|
1490356-7 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 7 page 408-8704 Crimping Die Assemblies Rev A 4 of 7 Tyco Electronics Corporation Step-Down Adapter Splices with Step-Down Adapter WIRE SIZE (AWG) STEP CRIMPING DIE DIE AND SPLICE COLOR CODE STEP-DOWN ADAPTER COLOR CODE 8 to 12-10 1490597-1 RED Yellow 6to8 1490598-1 BLUE Red Figure 6 3. Insert stripped wire into the wire barrel of the end of the splice to be crimped until the wire bottoms against the wire stop within the splice. Refer to Figure 3. 4. Remove crimping head latch pin, and open yoke. 5. Place the splice in the stationary die. Grasp the end of the splice to be crimped and point the opposite end toward the top of the head yoke at approximately a 30 _ angle. Rotate the end of the splice to be crimped into the die. Position the edge of the window indent against the locator. Refer to Figure 5. 6. Holding the splice in place, close the yoke and insert the latch pin. Be sure that the latch pin is fully inserted, or damage to the dies and tool or head will occur when the tool is activated. 7. Holding the wire in place, activate tool or power unit to complete first wire barrel crimp. 8. When crimp is completed, remove the latch pin, open the yoke and remove splice. If splice sticks in die after crimping, apply a rocking action to the splice to remove it from the die. Wipe light oil on dies to reduce sticking, or use spray dry lubricant. 9. To crimp the other half of splice, reposition uncrimped end of splice in the stationary die and follow the same procedure used to crimp the first half of splice. 10. Inspect the crimp according to Section 5. 5. CRIMP INSPECTION Inspect crimped terminals and splices by checking the features described in Figure 7. Use only the terminals and splices that meet the conditions shown in the “ACCEPT” column. 6. MAINTENANCE/INSPECTION To avoid personal injury, ALWAYS release hydraulic pressure to hose or control and disconnect power unit from power supply before performing maintenance or inspection procedure. Each crimping die is thoroughly inspected before packaging. Since there is a possibility of damage during shipment, the crimping die should be inspected immediately upon arrival at your facility. Regular inspections should be performed by quality control personnel. A record of scheduled inspections should remain with the dies and/or be supplied to supervisory personnel responsible for the dies. Though recommendations call for at least one inspection a month, the inspection frequency should be based on the amount of use, ambient working conditions, operator training and skill, and established company standards. 6.1. Daily Maintenance It is recommended that each operator of the dies be made aware of—and responsible for—the following steps of daily maintenance: 1. Remove dust, dirt, and other contaminants with a clean brush, or a soft, lint–free cloth. Do NOT use objects that could damage the dies. 2. Make certain the dies are protected with a THIN coat of any good SAE 20 motor oil. Do not oil excessively. 3. When the dies are not in use, mate them and store in a clean, dry area. 6.2. Visual Inspection 1. Remove all lubrication and accumulated film by immersing the dies in a suitable commercial degreaser that will not affect paint or plastic material. 2. Make sure all die components are in place. If replacements are necessary, refer to the replacement parts listed in Figure 10. 3. Check components for wear. Remove and replace worn components. CAUTION ! NOTE i DANGER |
Similar Part No. - 1490356-7 |
|
Similar Description - 1490356-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |