Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCBCRBP-JXKX-3B6B-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCBCRBP-JXKX-3B6B-1
Description  Architectural Lighting indoor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBCRBP-JXKX-3B6B-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCBCRBP-JXKX-3B6B-1 Datasheet HTML 6Page - OSRAM GmbH LCBCRBP-JXKX-3B6B-1 Datasheet HTML 7Page - OSRAM GmbH LCBCRBP-JXKX-3B6B-1 Datasheet HTML 8Page - OSRAM GmbH LCBCRBP-JXKX-3B6B-1 Datasheet HTML 9Page - OSRAM GmbH LCBCRBP-JXKX-3B6B-1 Datasheet HTML 10Page - OSRAM GmbH LCBCRBP-JXKX-3B6B-1 Datasheet HTML 11Page - OSRAM GmbH LCBCRBP-JXKX-3B6B-1 Datasheet HTML 12Page - OSRAM GmbH LCBCRBP-JXKX-3B6B-1 Datasheet HTML 13Page - OSRAM GmbH LCBCRBP-JXKX-3B6B-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2015-11-09
10
Version 1.2
LCB CRBP
Relative Forward Voltage 6) page 21
Relative Vorwärtsspannung 6) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 6) page 21
Relativer Lichtstrom 6) Seite 21
ΦVV(25 °C) = f(Tj); IF = 350 mA
Chromaticity Coordinate Shift 6) page 21
Farbortverschiebung 6) Seite 21
ΔCx, ΔCy = f(Tj); IF = 350 mA
LCB CRBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
: blue
LCB CRBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φ
v(25°C)
: blue
LCB CRBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,012
-0,010
-0,008
-0,006
-0,004
-0,002
0,000
0,002
0,004
0,006
Cx
Cy
: Cx
: Cy


Similar Part No. - LCBCRBP-JXKX-3B6B-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBCRBP-JYKY-3B6B-8E8G OSRAM-LCBCRBP-JYKY-3B6B-8E8G Datasheet
1,018Kb / 22P
   OSLON Signal
More results

Similar Description - LCBCRBP-JXKX-3B6B-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LVCQBP-JZLX-BD-1 OSRAM-LVCQBP-JZLX-BD-1 Datasheet
987Kb / 23P
   Architectural Lighting indoor
LVCQBP OSRAM-LVCQBP_18 Datasheet
1,011Kb / 23P
   Architectural Lighting indoor
LTCQBP-KYLX-36-1 OSRAM-LTCQBP-KYLX-36-1 Datasheet
939Kb / 21P
   Architectural Lighting indoor
KRDMLQ31.23 OSRAM-KRDMLQ31.23 Datasheet
710Kb / 21P
   Architectural Lighting indoor and outdoor
LSH9PP-HYJY-1-1 OSRAM-LSH9PP-HYJY-1-1 Datasheet
728Kb / 22P
   Architectural Lighting indoor and outdoor
KRDMLS31.23 OSRAM-KRDMLS31.23 Datasheet
732Kb / 22P
   Architectural Lighting indoor and outdoor
LRW5SM OSRAM-LRW5SM Datasheet
611Kb / 21P
   Architectural Lighting indoor and outdoor
LYH9GP OSRAM-LYH9GP Datasheet
689Kb / 21P
   Architectural Lighting indoor and outdoor
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
   Architectural Lighting indoor and outdoor
LTH9GP OSRAM-LTH9GP Datasheet
630Kb / 21P
   Architectural Lighting indoor and outdoor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com