Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCYG6SP-CBDB-5E Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCYG6SP-CBDB-5E
Description  Exterior Automotive Lighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCYG6SP-CBDB-5E Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCYG6SP-CBDB-5E Datasheet HTML 4Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 5Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 6Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 7Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 8Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 9Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 10Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 11Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2014-07-28
8
Version 1.1
LCY G6SP
Relative Spectral Emission - V(λ) = Standard eye response curve 5) page 21
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 5) Seite 21
Irel = f (λ); TS = 25 °C; IF = 140 mA
Radiation Characteristics 5) page 21
Abstrahlcharakteristik 5) Seite 21
Irel = f (ϕ); TS = 25 °C
LCY G6SP
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
: Vλ
: yellow
LCY G6SP
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
: 0°
: 90°


Similar Part No. - LCYG6SP-CBDB-5E

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYG6SP-CBDB-5E OSRAM-LCYG6SP-CBDB-5E Datasheet
640Kb / 22P
   Advanced Power TOPLED
More results

Similar Description - LCYG6SP-CBDB-5E

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAB6SP OSRAM-LAB6SP Datasheet
676Kb / 21P
   Exterior Automotive Lighting
KRDMLN31.23 OSRAM-KRDMLN31.23_18 Datasheet
721Kb / 23P
   Automotive Lighting Exterior
LCYH9PP-7J6K-5F5G-1 OSRAM-LCYH9PP-7J6K-5F5G-1 Datasheet
1Mb / 23P
   Exterior Automotive Lighting
LCYW5SM OSRAM-LCYW5SM Datasheet
675Kb / 22P
   Exterior Automotive Lighting
LCYCEUP OSRAM-LCYCEUP Datasheet
693Kb / 22P
   Exterior Automotive Lighting
KRDMLQ31.23 OSRAM-KRDMLQ31.23_17 Datasheet
724Kb / 22P
   Automotive Lighting Exterior
LCYCEUP-6L6M-5F5G-8E8G OSRAM-LCYCEUP-6L6M-5F5G-8E8G Datasheet
693Kb / 22P
   Exterior Automotive Lighting
LEUWU1A201 OSRAM-LEUWU1A201 Datasheet
2Mb / 19P
   Exterior Automotive Lighting
LEUWU1A401 OSRAM-LEUWU1A401 Datasheet
2Mb / 19P
   Exterior Automotive Lighting
LEUWU1A301 OSRAM-LEUWU1A301 Datasheet
2Mb / 19P
   Exterior Automotive Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com