Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWW5SM-JYKZ-4J8K Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCWW5SM-JYKZ-4J8K
Description  Furniture Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SM-JYKZ-4J8K Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCWW5SM-JYKZ-4J8K Datasheet HTML 5Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 6Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 7Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 8Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 9Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 10Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 11Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 12Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Version 1.2
LCW W5SM
2015-08-20
9
8M
0.3826
0.3931
9R
0.4299
0.4165
8W
0.4636
0.4197
0.3853
0.4033
0.4337
0.4253
0.4688
0.4290
0.3916
0.3987
0.4387
0.4197
0.4697
0.4211
0.3947
0.4093
0.4428
0.4286
0.4750
0.4304
4N
0.3791
0.3564
4S
0.4181
0.3751
9W
0.4688
0.4290
0.3822
0.3670
0.4222
0.3840
0.4739
0.4382
0.3862
0.3607
0.4254
0.3776
0.4750
0.4304
0.3898
0.3716
0.4298
0.3867
0.4803
0.4398
5N
0.3822
0.3670
5S
0.4222
0.3840
4X
0.4485
0.3838
0.3853
0.3776
0.4263
0.3929
0.4538
0.3850
0.3898
0.3716
0.4298
0.3867
0.4538
0.3931
0.3934
0.3825
0.4342
0.3957
0.4593
0.3944
6N
0.3853
0.3776
6S
0.4263
0.3929
5X
0.4538
0.3931
0.3885
0.3882
0.4305
0.4019
0.4591
0.4025
0.3934
0.3825
0.4342
0.3957
0.4593
0.3944
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
7N
0.3885
0.3882
7S
0.4305
0.4019
6X
0.4591
0.4025
0.3916
0.3987
0.4346
0.4108
0.4644
0.4118
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
0.4006
0.4044
0.4430
0.4138
0.4703
0.4132
8N
0.3916
0.3987
8S
0.4346
0.4108
7X
0.4644
0.4118
0.3947
0.4093
0.4387
0.4197
0.4697
0.4211
0.4006
0.4044
0.4430
0.4138
0.4703
0.4132
0.4042
0.4153
0.4474
0.4228
0.4758
0.4225
4O
0.3863
0.3609
9S
0.4387
0.4197
8X
0.4697
0.4211
0.3890
0.3690
0.4428
0.4286
0.4750
0.4304
0.3945
0.3648
0.4474
0.4228
0.4758
0.4225
0.3975
0.3731
0.4519
0.4319
0.4813
0.4319
5O
0.3890
0.3690
4T
0.4254
0.3776
9X
0.4750
0.4304
0.3916
0.3772
0.4298
0.3867
0.4803
0.4398
0.3975
0.3731
0.4326
0.3801
0.4813
0.4319
0.4006
0.3815
0.4373
0.3893
0.4868
0.4413
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


Similar Part No. - LCWW5SM-JYKZ-4J8K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SM-JYKZ-4J8K OSRAM-LCWW5SM-JYKZ-4J8K Datasheet
839Kb / 26P
   Furniture Lighting
More results

Similar Description - LCWW5SM-JYKZ-4J8K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SM OSRAM-LCWW5SM Datasheet
839Kb / 26P
   Furniture Lighting
logo
PANDUIT CORP.
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
   Mini-Com짰 Modular Furniture Faceplates
1/2015
logo
List of Unclassifed Man...
4FFSTC15 ETC-4FFSTC15 Datasheet
217Kb / 4P
   Bring Power & Communication Services to Modular Furniture Systems
January 2017
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
logo
OptoSupply Internationa...
OSM5XAHDE1E OPTOSUPPLY-OSM5XAHDE1E Datasheet
527Kb / 2P
   Tops 100 Power Warm White LED Display cases, furniture illumination, marker
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com