Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWW5SM-JYKZ-4J8K Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCWW5SM-JYKZ-4J8K
Description  Furniture Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SM-JYKZ-4J8K Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCWW5SM-JYKZ-4J8K Datasheet HTML 7Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 8Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 9Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 10Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 11Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 12Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 13Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 14Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Version 1.2
LCW W5SM
2015-08-20
11
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: JX-4U
Beispiel: JX-4U
Brightness
Helligkeit
Chromaticity Coordinate
Farbort
JX
4U
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.


Similar Part No. - LCWW5SM-JYKZ-4J8K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SM-JYKZ-4J8K OSRAM-LCWW5SM-JYKZ-4J8K Datasheet
839Kb / 26P
   Furniture Lighting
More results

Similar Description - LCWW5SM-JYKZ-4J8K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SM OSRAM-LCWW5SM Datasheet
839Kb / 26P
   Furniture Lighting
logo
PANDUIT CORP.
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
   Mini-Com짰 Modular Furniture Faceplates
1/2015
logo
List of Unclassifed Man...
4FFSTC15 ETC-4FFSTC15 Datasheet
217Kb / 4P
   Bring Power & Communication Services to Modular Furniture Systems
January 2017
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
logo
OptoSupply Internationa...
OSM5XAHDE1E OPTOSUPPLY-OSM5XAHDE1E Datasheet
527Kb / 2P
   Tops 100 Power Warm White LED Display cases, furniture illumination, marker
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com