Electronic Components Datasheet Search |
|
1490411-1 Datasheet(PDF) 3 Page - Tyco Electronics |
|
1490411-1 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 6 page 408-8705 Crimping Die Assemblies 3 of 6 Rev A Tyco Electronics Corporation 3.2. Insulation Crimp Adjustment This adjustment is made to both stationary and moving dies after they have been placed in crimping head. Crimping Dies have four socket head cap screws and two pin-keys for insulation crimp adjustment. 1. The dies have three insulation crimp positions. The adjustment is made by moving a pin–key (see Figure 1). When the pin–key is pushed all the way in, the insulation crimping section of the die is in the loose position; when the pin–key is halfway out, the insulation crimping section of the die is in the medium position; when the pin–key is all the way out, the insulation crimping section of the die is in the tight position. 2. To adjust the insulation crimp, loosen socket head cap screws and push pin–key all the way in so that insulation crimp section of the die is in the loose position. 3. Press and hold insulation die down against the pin–key. This will prevent the spring–loaded pin–key from popping back. 4. Tighten socket head cap screws. Make certain insulation crimping sections of moving and stationary dies are both adjusted to the same position. 5. Perform a test crimp (refer to Paragraph 3.1). AMPLI-BOND and AMPOWER terminals provide a grip" on wire insulation. PLASTI-GRIP terminals provide only a support" for the wire. 6. Remove crimped terminal from dies and visually inspect the insulation crimp portion of terminal. The insulation crimp should “ grip” wire insulation (when using AMPLI–BOND or AMPOWER terminals) or provide “ support” for wire insulation (when using PLASTI–GRIP terminals). 7. If the insulation crimp does not grip or support wire insulation as described in step 6, loosen socket head cap screws and set the pin–keys in the medium position. Then follow Steps 3 and 4. 8. Make another test crimp over previously crimped terminal. 9. Remove crimped terminal from dies and visually inspect insulation crimp. 10. Repeat adjustment as necessary until desired insulation crimp is obtained. Do NOT use a tighter setting than required. 11. Refer to Paragraph 3.4 and Figure 4 for crimp inspection procedure. 3.3. Color Code Terminals and dies are color coded as listed and shown in Figure 1. The dies have the terminal size stamped in the wire barrel crimp sections of both the moving and stationary dies. When crimped, the wire size will appear on both sides of the terminal wire barrel. The wire size appearing on the crimped wire barrel should always agree with the wire size stamped on the terminal tongue. 3.4. Crimp Inspection Inspect crimped terminals by checking the features described in Figure 4. AMPLI-BOND terminals are shown in Figure 4. Inspection procedure is the same for AMPOWER and PLASTI-GRIP terminals. Use only the terminals that meet the conditions shown in the “ACCEPT” column. “REJECT” terminals can be avoided through careful use of instructions in Paragraphs 3.1 and 3.2, and by performing regular die maintenance described in Section 4. 4. MAINTENANCE/INSPECTION Regular inspections should be performed by quality control personnel. A record of scheduled inspections should remain with the dies and/or be supplied to the supervisory personnel responsible for the dies. Though recommendations call for at least one inspection a month, the inspection frequency should be based on the amount of use, ambient working conditions, operator training and skill, and established company standards. These inspections should be performed in the following sequence: 4.1. Cleaning Do not allow deposits of dirt, grease, or foreign matter to accumulate in the die closure area, or on the bottoming surfaces of the dies. These deposits may prevent the dies from bottoming fully and may also cause excessive wear in the die closure surfaces, thereby affecting the quality of the crimp. The dies should be wiped clean frequently with a clean cloth. 4.2. Visual Inspection Visually inspect the die closure surfaces for flattened, broken, pitted, or chipped conditions. Although dies may gage within permissible limits, worn or damaged die closure surfaces are objectionable and can affect the quality of the crimp. Examples of possible damaged die surfaces are shown in Figure 5. NOTE i NOTE i NOTE i NOTE i |
Similar Part No. - 1490411-1 |
|
Similar Description - 1490411-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |