Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1490409-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1490409-2
Description  This instruction sheet provides information on product application and a maintenance and inspection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1490409-2 Datasheet(HTML) 1 Page - Tyco Electronics

  1490409-2 Datasheet HTML 1Page - Tyco Electronics 1490409-2 Datasheet HTML 2Page - Tyco Electronics 1490409-2 Datasheet HTML 3Page - Tyco Electronics 1490409-2 Datasheet HTML 4Page - Tyco Electronics 1490409-2 Datasheet HTML 5Page - Tyco Electronics 1490409-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Instruction Sheet
Crimping Die Assemblies for
AMPLI-BOND*, PLASTI-GRIP*, and
408-8705
LOC B
1 of 6
E2008 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
30 OCT 08 Rev A
Pre-Insulated AMPOWER* Terminals
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended-use, production operations is available.
Wire Strip Length (Typ)
Pre-Insulated AMPOWER Terminal
PLASTI-GRIP Terminal
AMPLI-BOND Terminal
Color Code
Color Code
Insulation Barrel
Crimping Die
Wire Barrel
Crimping Die
Socket Head
Cap Screw (Typ)
Stationary Die
(Anvil)
Moving Die
(Indenter)
WIRE
WIRE STRIP LENGTH
TERMINAL
DIE SET
WIRE
SIZE
(AWG)
AMPLI-BOND
PLASTI-GRIP
TERMINAL
COLOR
CODE
PART
COLOR
(AWG)
MINIMUM
MAXIMUM
MINIMUM
MAXIMUM
CODE
NUMBER
CODE
8
11.51 [.453]
12.29 [.484]
Red
1490534-1
Red
6
11 51 [ 453] 12 29 [ 484]
15.47 [.609]
16.26 [.640]
Blue
1490535-1
Blue
4
11.51 [.453] 12.29 [.484]
15.47 [.609]
16.26 [.640]
Yellow
1490536-1
Yellow
2
11.51 [.453]
12.29 [.484]
Red
1490410-1
Red
Figure 1
1. INTRODUCTION
This instruction sheet provides information on product
application and a maintenance and inspection
procedure for the crimping dies listed in Figure 1. The
dies are used in Hydraulic Crimping Head 1490746–1
and Hydraulic Hand Tool 1490749–1. For detailed
information on the crimping head and hand tool, refer
to the instructions packaged with these tools.
These dies are designed to crimp AMPLI–BOND and
PLASTI–GRIP terminals on wire sizes 8 to 2 AWG,
and Pre–Insulated AMPOWER terminals on wire size
2 AWG. Dies are coated with a preservative to
prevent rust and corrosion. Wipe preservative from
dies, particularly from crimping areas.
All dimensions in this document are in millimeters
[with inches in brackets]. Illustrations and figures
are for reference only and are not drawn to scale.
2. DIE INSTALLATION AND REMOVAL (Figure 2)
Do not operate tool without dies.
Avoid personal injury. Always keep fingers clear
of dies when activating power unit.
2.1. Die Insertion
1. Refer to the chart in Figure 1 and verify that you
have the proper die set for the terminal and wire
size being used.
2. Before inserting dies in head, loosen socket
head cap screws holding insulation crimping
section of dies in place. See Figure 1. If screws are
not loosened, dies may not fit into head of tool
because of close tolerance.
3. Release the button and rock the die
back–and–forth until the nest snaps in place.
NOTE
i
CAUTION
!
DANGER


Similar Part No. - 1490409-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1490406-1 MACOM-1490406-1 Datasheet
342Kb / 7P
   Depress the upper release button located in the C?밾ead and slide the nest into place.
logo
TE Connectivity Ltd
1490406-1 TEC-1490406-1 Datasheet
519Kb / 10P
   Crimping Die Assemblies
logo
Tyco Electronics
1490407-1 MACOM-1490407-1 Datasheet
342Kb / 7P
   Depress the upper release button located in the C?밾ead and slide the nest into place.
logo
TE Connectivity Ltd
1490407-1 TEC-1490407-1 Datasheet
519Kb / 10P
   Crimping Die Assemblies
logo
Tyco Electronics
1490407-2 MACOM-1490407-2 Datasheet
342Kb / 7P
   Depress the upper release button located in the C?밾ead and slide the nest into place.
More results

Similar Description - 1490409-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-9785 MACOM-408-9785 Datasheet
260Kb / 6P
   This instruction sheet provides instruction on product application and maintenance and inspection
logo
TE Connectivity Ltd
408-10228 TEC-408-10228 Datasheet
315Kb / 5P
   This instruction sheet provides application instructions, maintenance, and inspection procedures for PIDG STRATO-THERM
logo
Tyco Electronics
408-4020 MACOM-408-4020 Datasheet
215Kb / 4P
   This instruction sheet provides application and maintenance procedures for Hand Tool
logo
TE Connectivity Ltd
408-10243 TEC-408-10243 Datasheet
723Kb / 5P
   This instruction sheet provides information on the application and maintenance procedures for the SDE PEW-12 Hand Crimping
408-8959 TEC-408-8959 Datasheet
291Kb / 6P
   This instruction sheet covers application, inspection and maintenance procedures for Hydraulic Crimping Head
408-9598 TEC-408-9598 Datasheet
398Kb / 5P
   This instruction sheet covers application and maintenance procedures for Hydraulic Crimping Head
logo
Tyco Electronics
408-4199 MACOM-408-4199 Datasheet
346Kb / 7P
   This instruction sheet covers the application and maintenance procedures for Crimping Die Assembly
logo
STMicroelectronics
AN1322 STMICROELECTRONICS-AN1322 Datasheet
121Kb / 9P
   This application note provides information
logo
Tyco Electronics
408-4198 MACOM-408-4198 Datasheet
378Kb / 6P
   This instruction sheet covers the application and maintenance procedures for Pneumatic Crimping Head Assembly
logo
STMicroelectronics
AN1131 STMICROELECTRONICS-AN1131 Datasheet
215Kb / 17P
   This application note provides information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com