Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-84984-1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1-84984-1
Description  ASSY, 1.00mm FFC CONN DIP, V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-84984-1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1-84984-1 Datasheet HTML 1Page - TE Connectivity Ltd 1-84984-1 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1-84984-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-84981-0 MACOM-1-84981-0 Datasheet
64Kb / 1P
   ASSY, 1.00MM FFC CONN SMT, H
1-84981-0 MACOM-1-84981-0 Datasheet
643Kb / 32P
   FPC Connector Family
1-84981-0 MACOM-1-84981-0 Datasheet
643Kb / 32P
   FPC Connector Family
1-84981-0 MACOM-1-84981-0 Datasheet
662Kb / 32P
   FPC Connector Family
1-84981-1 MACOM-1-84981-1 Datasheet
64Kb / 1P
   ASSY, 1.00MM FFC CONN SMT, H
More results

Similar Description - 1-84984-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
84981 MACOM-84981 Datasheet
64Kb / 1P
   ASSY, 1.00MM FFC CONN SMT, H
logo
TE Connectivity Ltd
C-84534 TEC-C-84534 Datasheet
193Kb / 1P
   ASSY, 1.25mm FFC CONN, VERTICAL
logo
Molex Electronics Ltd.
52806-2010 MOLEX5-52806-2010 Datasheet
131Kb / 2P
   1.0 FFC CONN. NON Z.I.F DIP ST
52806-2410 MOLEX11-52806-2410 Datasheet
131Kb / 2P
   1.0 FFC CONN. NON Z.I.F. DIP ST.
logo
Tyco Electronics
353670 MACOM-353670 Datasheet
57Kb / 1P
   111P LIF CONN FRAME ASSY
logo
Assmann Electronics Inc...
A-HDS26-HOOD-WP-R ASSMANN-A-HDS26-HOOD-WP-R Datasheet
121Kb / 1P
   D-SUB CONN. ASSY SCREW HD26P M CONN M PIN
A-HDS44-HOOD-WP-R ASSMANN-A-HDS44-HOOD-WP-R Datasheet
120Kb / 1P
   D-SUB CONN. ASSY SCREW HD44P M CONN M PIN
A-HDS15-HOOD-WP-R ASSMANN-A-HDS15-HOOD-WP-R Datasheet
112Kb / 1P
   D-SUB CONN. ASSY SCREW HO15P M CONN M PIN
logo
Tyco Electronics
5353929-1 MACOM-5353929-1 Datasheet
257Kb / 3P
   EMBOSS ASSY STD TYPE USB CONN
logo
Molex Electronics Ltd.
0676000004 MOLEX11-0676000004 Datasheet
183Kb / 2P
   SD MEMORY CARD CONN. ASSY (TOP MOUND)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com