Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4404EOA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4404EOA
Description  1.5A Dual Open-Drain MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404EOA Datasheet(HTML) 4 Page - Microchip Technology

  TC4404EOA Datasheet HTML 1Page - Microchip Technology TC4404EOA Datasheet HTML 2Page - Microchip Technology TC4404EOA Datasheet HTML 3Page - Microchip Technology TC4404EOA Datasheet HTML 4Page - Microchip Technology TC4404EOA Datasheet HTML 5Page - Microchip Technology TC4404EOA Datasheet HTML 6Page - Microchip Technology TC4404EOA Datasheet HTML 7Page - Microchip Technology TC4404EOA Datasheet HTML 8Page - Microchip Technology TC4404EOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC4404/TC4405
DS20001418E-page 4
 2002-2016 Microchip Technology Inc.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
Electrical Characteristics: Unless otherwise indicated, operating temperature range with 4.5V
VDD18V.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Logic 1, High Input Voltage
VIH
2.4
V
Logic 0, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
–10
10
A0VVINVDD
Output
High Output Voltage
VOH VDD – 0.025
V
Low Output Voltage
VOL
——
0.025
V
Output Resistance
RO
—9
12
IOUT = 10 mA, VDD = 18V;
any drain
Peak Output Current (Any Drain)
IPK
1.5
A
Duty cycle
2%, t 300 sec
Continuous Output Current
(Any Drain)
IDC
100
mA
Latch-Up Protection (Any Drain)
Withstand Reverse Current
IR
> 500
mA
Duty cycle
2%, t 300 sec
Switching Time (Note 1)
Rise Time
tR
——
40
ns
Figure 4-1, CL = 1000 pF
Fall Time
tF
——
40
ns
Figure 4-1, CL = 1000 pF
Delay Time
tD1
——
40
ns
Figure 4-1, CL = 1000 pF
Delay Time
tD2
——
60
ns
Figure 4-1, CL = 1000 pF
Power Supply
Power Supply Current
IS
8
0.6
mA
VIN = 3V (both inputs)
VIN = 0V (both inputs)
Note 1: Switching times ensured by design.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range, C Version
TA
0—
+70
°C
Operating Temperature Range, E Version
TA
-40
+85
°C
Storage Temperature Range
TA
-65
+150
°C
Package Thermal Resistances
Thermal Resistance, 8-Lead PDIP
JA
—+94
°C/W
Thermal Resistance, 8-Lead PDIP
JC
—+45
°C/W
Thermal Resistance, 8-Lead SOIC
JA
—+163
°C/W
Thermal Resistance, 8-Lead SOIC
JC
—+42
°C/W


Similar Part No. - TC4404EOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4404EOA TELCOM-TC4404EOA Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404EOA MICROCHIP-TC4404EOA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404EOA MICROCHIP-TC4404EOA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404EOA MICROCHIP-TC4404EOA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4404EOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com