Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9118-MT Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN9118-MT
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9118-MT Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN9118-MT Datasheet HTML 6Page - Microchip Technology LAN9118-MT Datasheet HTML 7Page - Microchip Technology LAN9118-MT Datasheet HTML 8Page - Microchip Technology LAN9118-MT Datasheet HTML 9Page - Microchip Technology LAN9118-MT Datasheet HTML 10Page - Microchip Technology LAN9118-MT Datasheet HTML 11Page - Microchip Technology LAN9118-MT Datasheet HTML 12Page - Microchip Technology LAN9118-MT Datasheet HTML 13Page - Microchip Technology LAN9118-MT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
LAN9118
DS00002266A-page 10
 2005-2016 Microchip Technology Inc.
TABLE 2-4:
SERIAL EEPROM INTERFACE SIGNALS
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description
67
EEPROM Data,
GPO3, TX_EN,
TX_CLK, D32/nD16
EEDIO/GPO3/
TX_EN/TX_CLK
(D32/nD16)
I/O8
1
EEPROM Data: This bi-directional pin
can be connected to a serial
EEPROM DIO. This is optional.
General Purpose Output 3: This pin
can also function as a general
purpose output, or it can be
configured to monitor the TX_EN or
TX_CLK signals on the internal MII
port. When configured as a GPO
signal, or as a TX_EN/TX_CLK
monitor, the EECS pin is deasserted
so as to never unintentionally access
the serial EEPROM. This signal
cannot function as a general-purpose
input.
Data Bus Width Select: This signal
also functions as a configuration input
on power-up and is used to select the
host bus data width. Upon deassertion
of reset, the value of the input is
latched. When high, a 32-bit data bus
is utilized. When low, a 16-bit interface
is utilized.
68
EEPROM Chip
Select
EECS
O8
1
Serial EEPROM chip select.
69
EEPROM Clock,
GPO4 RX_DV,
RX_CLK
EECLK/GPO4/
RX_DV/RX_CLK
O8
1
EEPROM Clock: Serial EEPROM
Clock pin.
General Purpose Output 4: This pin
can also function as a general-
purpose output, or it can be
configured to monitor the RX_DV or
RX_CLK signals on the internal MII
port. When configured as a GPO
signal, or as an RX_DV/RX_CLK
monitor, the EECS pin is deasserted
so as to never unintentionally access
the serial EEPROM. This signal
cannot function as a general-purpose
input.
Note:
When the EEPROM inter-
face
is
not
used,
the
EECLK pin must be left
unconnected.
TABLE 2-5:
SYSTEM AND POWER SIGNALS
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description
6
Crystal 1
XTAL1
lclk
1
External 25MHz Crystal Input.
Can also be connected to single-ended
TTL oscillator. If this method is
implemented, XTAL2 should be left
unconnected.
5
Crystal 2
XTAL2
Oclk
1
External 25MHz Crystal output.


Similar Part No. - LAN9118-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9118-MT SMSC-LAN9118-MT Datasheet
213Kb / 6P
   HIGH PERFORMANCE SINGLE CHIP 10/100NON PCI ETHERNET CONTROLLER
LAN9118-MT SMSC-LAN9118-MT Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118-MT SMSC-LAN9118-MT Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
More results

Similar Description - LAN9118-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 131P
   HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com