Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN88730BMR-C-V01 Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN88730BMR-C-V01
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730BMR-C-V01 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN88730BMR-C-V01 Datasheet HTML 4Page - Microchip Technology LAN88730BMR-C-V01 Datasheet HTML 5Page - Microchip Technology LAN88730BMR-C-V01 Datasheet HTML 6Page - Microchip Technology LAN88730BMR-C-V01 Datasheet HTML 7Page - Microchip Technology LAN88730BMR-C-V01 Datasheet HTML 8Page - Microchip Technology LAN88730BMR-C-V01 Datasheet HTML 9Page - Microchip Technology LAN88730BMR-C-V01 Datasheet HTML 10Page - Microchip Technology LAN88730BMR-C-V01 Datasheet HTML 11Page - Microchip Technology LAN88730BMR-C-V01 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
LAN88730
DS60001256B-page 8
2012-2015 Microchip Technology Inc.
1
Receive
Data 1
RXD1
VO8
Bit 1 of the 4 (2 in RMII mode) data bits that are
sent by the transceiver on the receive path.
PHY Operat-
ing Mode 1
Configuration
Strap
MODE1
VIS
(PU)
Combined with MODE0 and MODE2, this configu-
ration strap sets the default PHY mode.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration" for additional
details.
1
Receive
Data 2
(MII Mode)
RXD2
VO8
Bit 2 of the 4 (in MII mode) data bits that are sent by
the transceiver on the receive path.
Note:
This signal is not used in RMII mode.
MII/RMII Mode
Select Configu-
ration Strap
RMIISEL
VIS
(PD)
This configuration strap selects the MII or RMII
mode of operation. When strapped low to VSS, MII
mode is selected. When strapped high to VDDIO
RMII mode is selected.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.3, "RMIISEL:
MII/RMII Mode Configuration" for addi-
tional details.
1
Receive
Data 3
(MII Mode)
RXD3
VO8
Bit 3 of the 4 (in MII mode) data bits that are sent by
the transceiver on the receive path.
Note:
This signal is not used in RMII mode.
PHY Address 2
Configuration
Strap
PHYAD2
VIS
(PD)
Combined with PHYAD0 and PHYAD1, this config-
uration strap sets the transceiver’s SMI address.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.1, "PHYAD[2:0]:
PHY Address Configuration" for addi-
tional information.
1
Receive Error
RXER
VO8
This signal is asserted to indicate that an error was
detected somewhere in the frame presently being
transferred from the transceiver.
Note:
This signal is optional in RMII mode.
Receive
Data 4
(MII Mode)
RXD4
VO8
In Symbol Interface (5B decoding) mode, this sig-
nal is the MII Receive Data 4 signal, the MSB of the
received 5-bit symbol code-group.
Note:
Unless configured to the Symbol Inter-
face mode, this pin functions as RXER.
PHY Address 0
Configuration
Strap
PHYAD0
VIS
(PD)
Combined with PHYAD1 and PHYAD2, this config-
uration strap sets the transceiver’s SMI address.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.1, "PHYAD[2:0]:
PHY Address Configuration" for addi-
tional information.
TABLE 2-1:
MII/RMII SIGNALS (CONTINUED)
Num Pins
Name
Symbol
Buffer Type
Description


Similar Part No. - LAN88730BMR-C-V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810 MICROCHIP-LAN8810 Datasheet
770Kb / 83P
   GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I MICROCHIP-LAN8810I Datasheet
770Kb / 83P
   GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
   GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
   RGMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8820I MICROCHIP-LAN8820I Datasheet
737Kb / 83P
   RGMII 10/100/1000 Ethernet Transceiver
07/14/15
More results

Similar Description - LAN88730BMR-C-V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
   Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
logo
SMSC Corporation
LAN9303MI-AKZE SMSC-LAN9303MI-AKZE Datasheet
4Mb / 386P
   Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com