Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC14DTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74AC14DTR2G
Description  Hex Inverter Schmitt Trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC14DTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC14DTR2G Datasheet HTML 1Page - ON Semiconductor MC74AC14DTR2G Datasheet HTML 2Page - ON Semiconductor MC74AC14DTR2G Datasheet HTML 3Page - ON Semiconductor MC74AC14DTR2G Datasheet HTML 4Page - ON Semiconductor MC74AC14DTR2G Datasheet HTML 5Page - ON Semiconductor MC74AC14DTR2G Datasheet HTML 6Page - ON Semiconductor MC74AC14DTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74AC14, MC74ACT14
www.onsemi.com
4
INPUT CHARACTERISTICS (unless otherwise specified)
Symbol
Parameter
VCC
(V)
74AC
74ACT
Test Conditions
Maximum Positive Threshold
3.0
2.2
Vt +
4.5
3.2
2.0
V
TA = Worst Case
5.5
3.9
2.0
Minimum Negative Threshold
3.0
0.5
Vt −
4.5
0.9
0.8
V
TA = Worst Case
5.5
1.1
0.8
3.0
1.2
Vh(max)
Maximum Hysteresis
4.5
1.4
1.2
V
TA = Worst Case
5.5
1.6
1.2
3.0
0.3
Vh(min)
Minimum Hysteresis
4.5
0.4
0.4
V
TA = Worst Case
5.5
0.5
0.4
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA = −40°C to +85°C
Typ
Guaranteed Limits
VOH
Minimum High Level Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 mA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent Supply Current
5.5
4.0
40
mA
VIN = VCC or GND
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Figure
No.
TA = +25°C CL = 50 pF
TA = −40°C to
+85
°C CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
11.5
1.0
12.5
ns
3−5
tPHL
Propagation Delay
5.0
1.5
10.0
1.0
11.0
ns
3−5
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
25
pF
VCC = 5.0 V


Similar Part No. - MC74AC14DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC14DTR2G ONSEMI-MC74AC14DTR2G Datasheet
144Kb / 9P
   Hex Inverter Schmitt Trigger
October, 2006 ??Rev. 7
More results

Similar Description - MC74AC14DTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com