Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1G32DFT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC1G32DFT1G
Description  Single 2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G32DFT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC1G32DFT1G Datasheet HTML 1Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 2Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 3Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 4Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 5Page - ON Semiconductor MC74HC1G32DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 14
1
Publication Order Number:
MC74HC1G32/D
MC74HC1G32
Single 2-Input OR Gate
The MC74HC1G32 is a high speed CMOS 2−input OR gate
fabricated with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer output which provides high noise immunity and stable output.
The MC74HC1G32 output drive current is 1/2 compared to
MC74HC series.
Features
High Speed: tPD = 7 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
High Noise Immunity
Balanced Propagation Delays (tpLH = tpHL)
Symmetrical Output Impedance (IOH = IOL = 2 mA)
Chip Complexity: FET = 44
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Pinout
VCC
IN B
IN A
OUT Y
GND
Figure 2. Logic Symbol
IN A
IN B
OUT Y
≥ 1
1
2
34
5
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
L
H
H
H
Y
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5VCC
OUT Y
www.onsemi.com
MARKING
DIAGRAMS
H4
= Device Code
M
= Date Code*
G
= Pb−Free Package
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
H4 M
G
G
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
1
5
H4 M
G
G
1
5


Similar Part No. - MC74HC1G32DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G32DFT1G ONSEMI-MC74HC1G32DFT1G Datasheet
115Kb / 6P
   Single 2-Input OR Gate
May, 2011 ??Rev. 12
MC74HC1G32DFT1G ONSEMI-MC74HC1G32DFT1G Datasheet
172Kb / 9P
   Single 2-Input OR Gate
November, 2018 ??Rev. 15
MC74HC1G32DFT1G ONSEMI-MC74HC1G32DFT1G Datasheet
291Kb / 10P
   Single 2-Input OR Gate
May, 2022 ??Rev. 18
MC74HC1G32DFT1G-L22038 ONSEMI-MC74HC1G32DFT1G-L22038 Datasheet
291Kb / 10P
   Single 2-Input OR Gate
May, 2022 ??Rev. 18
More results

Similar Description - MC74HC1G32DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
   Single 2-Input OR Gate
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com