Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT32DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74ACT32DR2G
Description  Quad 2-Input OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT32DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT32DR2G Datasheet HTML 1Page - ON Semiconductor MC74ACT32DR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT32DR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT32DR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT32DR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT32DR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT32DR2G Datasheet HTML 7Page - ON Semiconductor MC74ACT32DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 9
1
Publication Order Number:
MC74AC32/D
MC74AC32, MC74ACT32
Quad 2-Input OR Gate
High−Performance Silicon−Gate CMOS
Features
Outputs Source/Sink 24 mA
′ACT32 Has TTL Compatible Inputs
These Devices are Pb−Free and are RoHS Compliant
13
14
12
11
10
9
8
2
1
34567
VCC
GND
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
xxx
= AC or ACT
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W = Work Week
G or
G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
xxx
32
ALYW
G
G
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
1
14
xxx32G
AWLYWW
1
14
(Note: Microdot may be in either location)


Similar Part No. - MC74ACT32DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT32DR2G ONSEMI-MC74ACT32DR2G Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
More results

Similar Description - MC74ACT32DR2G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com