Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9912NG-G Datasheet(PDF) 6 Page - Microchip Technology

Part # HV9912NG-G
Description  Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9912NG-G Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV9912NG-G Datasheet HTML 2Page - Microchip Technology HV9912NG-G Datasheet HTML 3Page - Microchip Technology HV9912NG-G Datasheet HTML 4Page - Microchip Technology HV9912NG-G Datasheet HTML 5Page - Microchip Technology HV9912NG-G Datasheet HTML 6Page - Microchip Technology HV9912NG-G Datasheet HTML 7Page - Microchip Technology HV9912NG-G Datasheet HTML 8Page - Microchip Technology HV9912NG-G Datasheet HTML 9Page - Microchip Technology HV9912NG-G Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HV9912
DS20005583A-page 6
 2016 Microchip Technology Inc.
SYNC Input High
VSYNCH
2
V
SYNC Input Low
VSYNCL
0.8
V
SYNC Output Current
IOUTSYNC
18
µA
OUTPUT SHORT-CIRCUIT
Gain for Short-circuit Comparator
GSC
1.9
2
2.1
V
Minimum Output Voltage of the Gain
Stage
VOMIN
0.125
0.25
V
0°C < TA < +85°C;
IREF = GND
0.125
0.26
–40°C < TA < +125°C;
IREF = GND
Propagation Time for Short-circuit
Detection
TOFF
250
ns
PWMD = VDD; IREF = 400 mA;
FDBK step from
0 mV to 900 mV; FAULT goes
from high to low
Fault Output Rise Time
TRISE,FAULT
300
ns
330 pF capacitor at FAULT pin
Fault Output Fall Time
TFALL,FAULT
300
ns
330 pF capacitor at FAULT pin
Blanking Time
TBLANK,SC
480
900
ns
Current Source at COMP Pin used for
Hiccup Mode Protection
IHICCUP
5
µA
SLOPE COMPENSATION
Current Sourced Out of SC Pin
ISLOPE
0
100
µA
Note 2
Internal Current Mirror Ratio
GSLOPE
1.8
2
2.26
ISLOPE = 50 µA; 
RSC = 1 kΩ
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
TEMPERATURE RANGES
Operating Junction Temperature
TJ
–40
+125
°C
Storage Temperature
Ts
–65
+150
°C
PACKAGE THERMAL RESISTANCE
16-lead SOIC
JA
83
°C/W
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: TA = 25°C and VIN = 12V unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: See Section 3.3 “Minimum Input Voltage at VIN Pin” for the minimum input voltage.
2: The specifications which apply over the full operating temperature range at
–40°C < TA < +85°C are guaranteed by design and characterization.
3: For design guidance only


Similar Part No. - HV9912NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9912NG-G SUTEX-HV9912NG-G Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
More results

Similar Description - HV9912NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Arch Electronics Corp.
BR120 ARCH-BR120 Datasheet
286Kb / 3P
   Over Current Protection (Hiccup Mode)
BR240 ARCH-BR240 Datasheet
274Kb / 3P
   Over Current Protection (Hiccup Mode)
BR400 ARCH-BR400 Datasheet
293Kb / 3P
   Over Current Protection (Hiccup Mode)
BRH100 ARCH-BRH100 Datasheet
384Kb / 4P
   Over Current Protection (Hiccup Mode)
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com