Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9912NG-G-M934 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV9912NG-G-M934
Description  Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9912NG-G-M934 Datasheet(HTML) 4 Page - Microchip Technology

  HV9912NG-G-M934 Datasheet HTML 1Page - Microchip Technology HV9912NG-G-M934 Datasheet HTML 2Page - Microchip Technology HV9912NG-G-M934 Datasheet HTML 3Page - Microchip Technology HV9912NG-G-M934 Datasheet HTML 4Page - Microchip Technology HV9912NG-G-M934 Datasheet HTML 5Page - Microchip Technology HV9912NG-G-M934 Datasheet HTML 6Page - Microchip Technology HV9912NG-G-M934 Datasheet HTML 7Page - Microchip Technology HV9912NG-G-M934 Datasheet HTML 8Page - Microchip Technology HV9912NG-G-M934 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
HV9912
DS20005583A-page 4
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
VIN to GND ............................................................................................................................................... –0.5 to +100V
VDD to GND............................................................................................................................................–0.3V to +13.5V
CS to GND ........................................................................................................................................ –0.3V to VDD+0.3V
PWMD to GND.................................................................................................................................. –0.3V to VDD+0.3V
GATE to GND.................................................................................................................................... –0.3V to VDD+0.3V
All Other Pins to GND ....................................................................................................................... –0.3V to VDD+0.3V
Continuous Power Dissipation (TA= +25°C)..................................................................................................... 1200 mW
Operating Junction Temperature Range .............................................................................................. –40°C to +125°C
Storage Temperature Range ................................................................................................................ –65°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C and VIN = 12V unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
INPUT
Input DC Supply Voltage Range
VINDC
Note 1
90
V
DC input voltage (Note 2)
Shutdown Mode Supply Current
IINSD
1.5
mA
PWMD connected to GND
(Note 2)
INTERNAL REGULATOR
Internally Regulated Voltage
VDD
7.25
7.75
8.25
V
VIN = 9V–90V; PWMD con-
nected to GND (Note 2)
VDD Undervoltage Lockout
Threshold
UVLORISE
6.5
7
V
VDD rising
VDD Undervoltage Lockout
Hysteresis
UVLOHYST
500
mV
VDD falling
REFERENCE
REF Pin Voltage
VREF
1.225
1.25
1.285
V
REF bypassed with a 0.1 µF
capacitor to GND; IREF = 0;
PWMD = GND;
0°C < TA < +85°C
1.225
1.25
1.29
REF bypassed with a 0.1 µF
capacitor to GND; IREF = 0;
PWMD = GND;
–40°C < TA < 125°C
Line Regulation of Reference Voltage
VREFLINE
0
20
mV
REF bypassed with a 0.1 µF
capacitor to GND; IREF = 0;
VDD = 7.25V–12V; 
PWMD = GND
Note 1: See Section 3.3 “Minimum Input Voltage at VIN Pin” for the minimum input voltage.
2: The specifications which apply over the full operating temperature range at
–40°C < TA < +85°C are guaranteed by design and characterization.
3: For design guidance only


Similar Part No. - HV9912NG-G-M934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9912NG-G SUTEX-HV9912NG-G Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
More results

Similar Description - HV9912NG-G-M934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Arch Electronics Corp.
BR120 ARCH-BR120 Datasheet
286Kb / 3P
   Over Current Protection (Hiccup Mode)
BR240 ARCH-BR240 Datasheet
274Kb / 3P
   Over Current Protection (Hiccup Mode)
BR400 ARCH-BR400 Datasheet
293Kb / 3P
   Over Current Protection (Hiccup Mode)
BRH100 ARCH-BRH100 Datasheet
384Kb / 4P
   Over Current Protection (Hiccup Mode)
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com