Selected language     English  ▼


LM3352 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM3352
Description  Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 4 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: C
1 = C2 = C3 = 0.33 µF; CIN = 15 µF; COUT = 33 µF; VIN = 3.5V.
Parameter
Conditions
Min
Typ
Max
Units
LM3352-ALL OUTPUT VOLTAGE VERSIONS
SD Input Current
Measured at SD Pin;
SD Pin = V
IN = 5.5V
0.1
1.0
µA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 2: As long as TA ≤ +85˚C, all electrical characteristics hold true for the 3.0V and 3.3V options at all current loads and the 2.5V option at all loads when VIN
5V. For VIN > 5V with the 2.5V option, the junction temperature rise above ambient is: ∆T = 540IL−23 where IL is in amps. The output current must be derated at
higher ambient temperatures to make sure TJ does not exceed 150˚C when operating the 2.5V option at VIN > 5V.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged di-
rectly into each pin.
Note 4: The VOUT pin is forced to 200 mV above the typical VOUT. This is to insure that the internal switches are off.
Note 5: The output capacitor COUT is fully discharged before measurement.
Typical Performance Characteristics Unless otherwise specified T
A = 25˚C.
V
OUT vs. VIN
DS101037-4
V
OUT vs. VIN
DS101037-5
V
OUT vs. VIN
DS101037-6
V
OUT vs. VIN
DS101037-7
www.national.com
4




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3355Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3354Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
ADP3604Switched Capacitor Voltage Converter with Regulated Output 1 2 3 4 5 MoreAnalog Devices
LM2750Low Noise 5.0V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM27603.3V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3354-37Regulated 90mA Buck-Boost Switched Capacitor DC/DC 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2685Dual Output Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2686Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2687Low Noise Regulated Switched Capacitor Voltage 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2751Regulated 2X 1.5X Switched Capacitor White LED Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl