Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9861ALG-G Datasheet(PDF) 3 Page - Microchip Technology

Part # HV9861ALG-G
Description  LED Driver with Average-Mode Constant Current Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9861ALG-G Datasheet(HTML) 3 Page - Microchip Technology

  HV9861ALG-G Datasheet HTML 1Page - Microchip Technology HV9861ALG-G Datasheet HTML 2Page - Microchip Technology HV9861ALG-G Datasheet HTML 3Page - Microchip Technology HV9861ALG-G Datasheet HTML 4Page - Microchip Technology HV9861ALG-G Datasheet HTML 5Page - Microchip Technology HV9861ALG-G Datasheet HTML 6Page - Microchip Technology HV9861ALG-G Datasheet HTML 7Page - Microchip Technology HV9861ALG-G Datasheet HTML 8Page - Microchip Technology HV9861ALG-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
 2014 Microchip Technology Inc.
DS20005333A-page 3
HV9861A
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN to GND...................................................... -0.5V to +470V
VDD to GND.......................................................................12V
LD, PWMD, GATE to GND................. ....-0.3V to (V
DD + 0.3V)
CS, RT to GND .............................................. ....-0.3V to 5.0V
Operating temperature..................................-40°C to +125°C
Storage temperature .....................................-65°C to +150°C
Continuous power dissipation (TA = +25°C)
8-lead SOIC ...............................................650 mW
16-lead SOIC ...........................................1000 mW
Note: Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions, above those indicated in the
operational listings of this specification, is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
1.1
ELECTRICAL SPECIFICATIONS
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (SHEET 1 OF 2)1
Symbol
Parameter
Note
Min
Typ
Max
Units Conditions
Input
VINDC
Input DC supply voltage
range2
3
15
-
450
V
DC input voltage
IINSD
Shut-down mode supply
current
3
-
0.5
1.1
mA
Pin PWMD to GND
Internal Regulator
VDD
Internally regulated voltage
-
7.25
7.50
8.20
V
500pF at GATE; RT = 226kΩ
∆VDD, line Line regulation of VDD
--
-
1
V
VIN = 15 - 450V,
500pF at GATE; RT = 226kΩ
∆VDD, load Load regulation of VDD
--
-
100
mV
IDD(ext) = 0 - 1mA,
500pF at GATE; RT = 226kΩ
UVLO
VDD under-voltage lockout
threshold
3
6.45
-
-
V
VIN rising
∆UVLO
VDD under-voltage lockout
hysteresis
--
500
-
mV
VIN falling
∆VDD(UV) VDD voltage margin
3
500
-
-
mV
∆VDD(UV) = VDD - UVLO
IIN,MAX
Maximum input current
(limited by UVLO)
4
3.5
-
-
mA
VIN = 15V, TA = 25°C
4
1.5
-
-
VIN = 15V, TA = 125°C
PWM Dimming
VEN(lo)
PWMD input low voltage
3
--
0.8
V
VIN = 15 - 450V
VEN(hi)
PWMD input high voltage
3
2.2
-
-
V
VIN = 15 - 450V
IEN
Internal pull-down current at
PWMD
-8.5
-
13.5
μAVPWMD = 0.8V


Similar Part No. - HV9861ALG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861ALG-G SUTEX-HV9861ALG-G Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
More results

Similar Description - HV9861ALG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Feeling Technology Corp...
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com