Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ11A Datasheet(PDF) 1 Page - Abracon Corporation

Part # ARJ11A
Description  10 Base-T Jack with Magnetic Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ11A Datasheet(HTML) 1 Page - Abracon Corporation

  ARJ11A Datasheet HTML 1Page - Abracon Corporation ARJ11A Datasheet HTML 2Page - Abracon Corporation ARJ11A Datasheet HTML 3Page - Abracon Corporation ARJ11A Datasheet HTML 4Page - Abracon Corporation ARJ11A Datasheet HTML 5Page - Abracon Corporation ARJ11A Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• 10Base-T LAN
• NIC, LoM and PC
• Available with or without LED
• Suitable CAT 5 & 6 cable and UTP
• Comply IEEE 802.3ab
• LAN Magnetic with RJ4
• Suitable for RoHS compliant reflow
APPLICATIONS:
FEATURES:
Operating temperature range: 0ºC to +70ºC Storage temperature range: -40ºC to+125ºC
RJ45 10 Base-T Jack with Magnetic Module
||| | | | | | | | | | | | |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 03.06.13
Visit www.abracon.com for Terms & Conditions of Sale
16.26 x 13.84 x 21.59mm
STANDARD SPECIFICATIONS at 25oC
Part Number
Turns Ratio
TX/RX (±5%)
EMI
fingers
LED
(L/R)
Insertion Loss (dB Max)
1-10MHz
ARJ11A-MASA-KT-2
1CT:1.41/1CT:1
No
---
-1
ARJ11A-MASA-MU-2
1CT:1CT/1CT:1CT
No
---
-1
ARJ11A-MBSC-A-B-FMU2
1CT:1CT/1CT:1CT
No
G/Y
-1
ARJ11A-MASD-MU-2
1CT:1CT/1CT:1CT
No
---
-1
ARJ11A-MASE-MU2
1CT:1CT/1CT:1CT
No
---
-1
ARJ11A-MASF-LT2
1CT:1/1CT:1
No
---
-1
ARJ11A-MASG-LT2
1CT:1/1CT:1
No
---
-1
ARJ11A-MASH-KU2
1.414:1CT/1CT:1CT
No
---
-1.15
ARJ11A-MCSI-B-A-EKU2
1CT:1.41CT/1CT:1CT
Yes
Y/G
-1
ARJ11A-MASJ-MU2
1CT:1CT/1CT:1CT
No
---
-1
ARJ11A-MASK-PU2
1:2CT/1CT:1CT
No
---
-1.15
ARJ11A-MASL-QU2
1:1.414CT/1CT:1CT
No
---
-1.15
ARJ11A-MASM-RT2
1CT:2.5/1CT:1
No
---
-1
ARJ11A-MDSN-MU2
1CT:1CT/1CT:1CT
Yes
---
-1
ARJ11A-MDSO-MU2
1CT:1CT/1CT:1CT
Yes
---
-1
Part Number
Attenuation TX/RX (dBMIN)
Return Loss
TX & RX
@100Ω±15Ω
(dB MIN)
Crosstalk
(dB MIN)
CMR
(dB MIN)
Hipot
(Vrms)
0.5mA,
2sec
20MHz
25MHz
30MHz
40MHz
1-10
MHz
5-
10MHz
1-10MHz
30MHz
1500
ARJ11A-MASA-KT-2
-7/-5
-18/-11
-28/-16
-33/-26
-13.5
-30
-30
1500
ARJ11A-MASA-MU-2
-5/-4.2
-18/-11
-28/-16
-33/-26
-13.5
-30
-30
1500
ARJ11A-MBSC-A-B-FMU2
-5/-4.2
-18/-11
-28/-16
-33/-26
-14
-30
-30
1500
ARJ11A-MASD-MU-2
-5/-4.2
-18/-11
-28/-16
-33/-26
-15
-30
-30
1500
ARJ11A-MASE-MU2
-30/-20
-15
-30
1500
ARJ11A-MASF-LT2
-5/-4.2
-18/-11
-28/-16
-33/-26
-13.5
-30
1500
ARJ11A-MASG-LT2
-5/-4.2
-18/-11
-28/-16
-33/-26
-15
-30
1500
ARJ11A-MASH-KU2
-5/-4.2
-18/-11
-28/-16
-33/-26
-17 Typ
-30
-30
1500
ARJ11A-MCSI-B-A-EKU2
-30/-18
-15
-30
1500
ARJ11A-MASJ-MU2
-5/-4.2
-18/-11
-28/-16
-33/-26
-17 Typ
-30
-30
1500
ARJ11A-MASK-PU2
-5/-4.2
-18/-11
-28/-16
-33/-26
-13.5
-30
-30
1500
ARJ11A-MASL-QU2
-5/-4.2
-18/-11
-28/-16
-33/-26
-13.5
-30
-30
1500
ARJ11A-MASM-RT2
-15
-25
1500
ARJ11A-MDSN-MU2
-7/-6
-19/-14
-30/-20
-32/-31
-17
-30
1500
ARJ11A-MDSO-MU2
-30/-18
-15
-30
1500
ARJ11A
CMR: Common Mode Rejection
Contact Abracon for more custom configurations. See options to build a custom configuration
RoHS/RoHS II Compliant


Similar Part No. - ARJ11A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ11B ABRACON-ARJ11B Datasheet
15Mb / 11P
   10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MASAA-MU2 ABRACON-ARJ11B-MASAA-MU2 Datasheet
15Mb / 11P
   10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MASAC-MU2 ABRACON-ARJ11B-MASAC-MU2 Datasheet
15Mb / 11P
   10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MASAC-MU2 ABRACON-ARJ11B-MASAC-MU2 Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MASAC-MU2 ABRACON-ARJ11B-MASAC-MU2 Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
More results

Similar Description - ARJ11A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ11G ABRACON-ARJ11G Datasheet
2Mb / 3P
   10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ11B ABRACON-ARJ11B Datasheet
15Mb / 11P
   10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11D ABRACON-ARJ11D Datasheet
6Mb / 5P
   10/100 Base-T Jack with Magnetic Module
05.03.11
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
logo
Abracon Corporation
ARJ11B-MBSBQ-A ABRACON-ARJ11B-MBSBQ-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11C ABRACON-ARJ11C Datasheet
5Mb / 8P
   10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11F ABRACON-ARJ11F Datasheet
2Mb / 4P
   10/100/1000 Base-T Jack with Magnetic Module
05.09.11
ARJ11B-MESCB-A ABRACON-ARJ11B-MESCB-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com