Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ045-010156 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ARJ045-010156
Description  RJ45 Jack, 45 Degree Entry, Shielded, 8P8C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ045-010156 Datasheet(HTML) 2 Page - Abracon Corporation

  ARJ045-010156 Datasheet HTML 1Page - Abracon Corporation ARJ045-010156 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
| |
Peak temperature(Tp) time : 5sec max
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
RoHS/RoHS II Compliant
DIP WAVE SOLDERING CURVE
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 11.17.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Dimensions: mm
PACKAGING:
Packing:
(110pcs/tray) MOQ: 550pcs
Weight:
4.80 grams/pcs
Packaging material: PET
Outer carton unit(optional):2640pcs/ 24trays/box,
Gross Weight: 14.7 kg
17.40 x 15.20 x 21.32mm
ARJ045-010156
RJ45 Jack, 45 Degree Entry, Shielded, 8P8C


Similar Part No. - ARJ045-010156

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ014-011157 ABRACON-ARJ014-011157 Datasheet
1Mb / 2P
   Jack, Right Angle, Tab Down, Shielded, Low Profile, 8P8C
11.17.15
More results

Similar Description - ARJ045-010156

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ268-359976-SMT ABRACON-ARJ268-359976-SMT Datasheet
1Mb / 2P
   RJ45 Jack, Top Entry, SMT Unshielded, 8P8C
11.17.15
ARJ268-320051 ABRACON-ARJ268-320051 Datasheet
1Mb / 2P
   RJ45 Jack, Top Entry Low Profile Unshielded, 8P8C
11.17.15
logo
Wurth Elektronik GmbH &...
615008142521 WURTH-615008142521 Datasheet
253Kb / 1P
   45° PLASTIC 8P8C MODULAR JACK
G 03-APR-14
logo
VITALCONN ELECTRONICS H...
JU112A01UP01 VITALCONN-JU112A01UP01 Datasheet
141Kb / 1P
   RJ45 8P8C
logo
Wurth Elektronik GmbH &...
634108149621 WURTH-634108149621 Datasheet
448Kb / 3P
   VERTICAL PLASTIC MODULAR JACK SMT 8P8C TOP ENTRY
615008140421 WURTH-615008140421 Datasheet
260Kb / 1P
   VERTICAL SHIELDED 8P8C REAR POST MODULAR JACK
615008138221 WURTH-615008138221 Datasheet
265Kb / 1P
   VERTICAL SHIELDED 8P8C FRONT POST MODULAR JACK
logo
EDAC, All Rights Reserv...
J2T018825N00111 EDAC-J2T018825N00111 Datasheet
86Kb / 1P
   J2T Series,SINGLE PORT RJ45, 45 degree PCB MOUNT, SHIELDED, 6.35mm FOOTPRINT
logo
Tyco Electronics
1478763 MACOM-1478763 Datasheet
95Kb / 1P
   ADK SERIES DIE-CAST BACKSHELL 45 DEGREE ENTRY
logo
EDAC, All Rights Reserv...
J2T018895N00111 EDAC-J2T018895N00111 Datasheet
87Kb / 1P
   J2T Series,SINGLE PORT RJ45, 45 degree PCB MOUNT, SHIELDED, 6.35mm FOOTPRINT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com