Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ-196 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ARJ-196
Description  Gigabit RJ45 with 1 x USB Combo, w/ LEDs, Ext Temp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ-196 Datasheet(HTML) 3 Page - Abracon Corporation

  ARJ-196 Datasheet HTML 1Page - Abracon Corporation ARJ-196 Datasheet HTML 2Page - Abracon Corporation ARJ-196 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
|
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
PACKAGING:
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.08.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Peak temperature(Tp) time : 5sec max
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
Dimensions: cm
ARJ-196
RoHS/RoHS II Compliant
Gigabit RJ45 with 1 x USB Combo, w/ LEDs, Ext Temp
Packing:
50pcs/tray
Packing Material: PC Plastic
Outer carton unit (optional): 500 pcs/10 trays/box
16.8 x 21.1 x 26.2mm


Similar Part No. - ARJ-196

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-199 ABRACON-ARJ-199 Datasheet
3Mb / 3P
   RJ45 10/100 Base-T Single Port, PoE, w/ LEDs, Ext Temp
10.20.15
More results

Similar Description - ARJ-196

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-169 ABRACON-ARJ-169 Datasheet
4Mb / 3P
   RJ45 10/100 Base-T / 1 X USB Combo, w/ LEDs, Ext Temp
07.01.15
ARJ-150A ABRACON-ARJ-150A Datasheet
3Mb / 3P
   RJ45 1000 Base-T / Dual USB Combo Jack, w/ LEDs, Ext Temp
06.30.15
ARJ-150C ABRACON-ARJ-150C Datasheet
3Mb / 3P
   RJ45 1000 Base-T / Dual USB Combo Jack, w/ LEDs, Ext Temp
06.30.15
ARJ-150B ABRACON-ARJ-150B Datasheet
3Mb / 3P
   RJ45 10/100 Base-T / Dual USB Combo Jack, w/ LEDs, Ext Temp
06.30.15
logo
XFMRS Inc.
XFGIG12TVS-USBXU-2 XFMRS-XFGIG12TVS-USBXU-2 Datasheet
94Kb / 3P
   RJ45/DUAL USB GIGABIT COMBO
XFGIG12-USBXU-2 XFMRS-XFGIG12-USBXU-2 Datasheet
92Kb / 3P
   RJ45/DUAL USB GIGABIT COMBO
logo
Abracon Corporation
ARJ-199 ABRACON-ARJ-199 Datasheet
3Mb / 3P
   RJ45 10/100 Base-T Single Port, PoE, w/ LEDs, Ext Temp
10.20.15
logo
XFMRS Inc.
XFGIG8K-LCVXU1-4M XFMRS-XFGIG8K-LCVXU1-4M Datasheet
148Kb / 2P
   SINGLE PORT GIGABIT COMBO WITH LEDS
XFGIG8K-CLXU1-4MS XFMRS-XFGIG8K-CLXU1-4MS Datasheet
146Kb / 2P
   SINGLE PORT GIGABIT COMBO WITH LEDS
logo
Bel Fuse Inc.
0826-1X4T-43 BEL-0826-1X4T-43 Datasheet
176Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 1 x 4 with LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com