Selected language     English  ▼


LM3354 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM3354
Description  Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 4 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
A = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: C
1 =C2 = 0.33 µF; CIN = 10 µF; COUT = 10 µF; CFIL = 1 µF; VIN = 3.5V.
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
LM3354-ALL OUTPUT VOLTAGE VERSIONS
Operating Quiescent
Current
Measured at Pin V
IN;
I
LOAD = 0A (Note 6)
375
475
µA
Shutdown Quiescent
Current
SD Pin at 0V (Note 7)
2.3
5
µA
Switching Frequency
0.6
1
1.4
MHz
SD Input Threshold Low
2.5V < V
IN < 5.5V
0.2 V
IN
V
SD Input Threshold High
2.5V < V
IN < 5.5V
0.8 V
IN
V
SD Input Current
Measured at SD Pin;
SD Pin = V
IN = 5.5V
0.3
µA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is
intended to be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see “Electrical
Characteristics”.
Note 2: As long as TA ≤ +85˚C, all electrical characteristics hold true and the junction temperature should remain below +120˚C except for the 5V output option.
The 5V option requires that TA ≤ +60˚C.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely norm.
Note 5: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100% tested
or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed by correlation using standard Statistical Quality Control methods (SQC).
All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 6: The VOUT pin is forced to 200 mV above the typical VOUT. This is to insure that the internal switches are off.
Note 7: The output capacitor COUT is fully discharged before measurement.
Typical Performance Characteristics Unless otherwise specified T
A = 25˚C.
V
OUT vs. VIN
DS200188-41
V
OUT vs. VIN
DS200188-42
www.national.com
4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3354-37Regulated 90mA Buck-Boost Switched Capacitor DC/DC 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3352Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3355Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2685Dual Output Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2686Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
ADP3604Switched Capacitor Voltage Converter with Regulated Output 1 2 3 4 5 MoreAnalog Devices
LM2750Low Noise 5.0V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM27603.3V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2662Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2664Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl