Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-2100-5 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1-2100-5
Description  Micro Pneumatic Tooling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-2100-5 Datasheet(HTML) 4 Page - Tyco Electronics

  1-2100-5 Datasheet HTML 1Page - Tyco Electronics 1-2100-5 Datasheet HTML 2Page - Tyco Electronics 1-2100-5 Datasheet HTML 3Page - Tyco Electronics 1-2100-5 Datasheet HTML 4Page - Tyco Electronics 1-2100-5 Datasheet HTML 5Page - Tyco Electronics 1-2100-5 Datasheet HTML 6Page - Tyco Electronics 1-2100-5 Datasheet HTML 7Page - Tyco Electronics 1-2100-5 Datasheet HTML 8Page - Tyco Electronics 1-2100-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
409- 10039
“Micro” Pneumatic Tooling Assembly 1490567- 1
Rev C
4
of 15
Tyco Electronics Corporation
Read this manual thoroughly before operating any of the pneumatic tools. The performance of these tools will
depend largely upon the intelligent use of information contained in this manual. When reading this manual, pay
particular attention to DANGER, CAUTION, NOTE, and SAFETY statements.
Denotes an imminent hazard which may result in moderate or severe injury.
Denotes a condition which may result in product or equipment damage.
Highlights special or important information.
Measurements are in metric units [followed by U.S. customary units in brackets]. Illustrations are for identification only
and are not drawn to scale.
This unit should only be operated by trained personnel.
If not using quick--disconnect fittings to connect the tool to the air supply, provide operators other means to easily
disconnect the tool from the air supply.
Read and understand the entire manual before using the tool.
Always wear appropriate eye protection when using the tool.
Always wear appropriate hearing protection when using the tool.
Always disconnect the air and lockout the tool when not in use or when head or tool holder is detached.
2. DESCRIPTION
The “Micro” Pneumatic Tooling System designed to accept a wide variety of crimping heads for crimping
various types of terminals and splices onto wires ranging in size from 10 through 26 AWG.
The systems employ a unique modular design concept, wherein each system configuration contains the
(same) identical power unit. System variations are then achieved by expansion of the power unit to obtain the
DANGER
CAUTION
!
NOTE
i
NOTE
i
DANGER
DANGER


Similar Part No. - 1-2100-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-21000-3 MACOM-1-21000-3 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
1-21000-3 MACOM-1-21000-3 Datasheet
547Kb / 5P
   Pistol Grip Seating Tool
logo
TE Connectivity Ltd
1-21000-4 TEC-1-21000-4 Datasheet
336Kb / 5P
   Mass Insertion Terminating Head
1-21000-4 TEC-1-21000-4 Datasheet
2Mb / 3P
   THE REPLACEMENT OCEAN STYLE APPLICATOR HAS THE SAME TERMINATOR/PRESS INTERFACE AS APPLICATOR
1-21000-6 TEC-1-21000-6 Datasheet
238Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 1-2100-5

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-3700 MOLEX-62201-3700 Datasheet
28Kb / 1P
   Flat Rock Tooling for Pneumatic Press
09/04/2013
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
logo
Harwin Plc
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Molex Electronics Ltd.
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com