Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300094 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 300094
Description  Pneumatic Tools
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

300094 Datasheet(HTML) 4 Page - Tyco Electronics

  300094 Datasheet HTML 1Page - Tyco Electronics 300094 Datasheet HTML 2Page - Tyco Electronics 300094 Datasheet HTML 3Page - Tyco Electronics 300094 Datasheet HTML 4Page - Tyco Electronics 300094 Datasheet HTML 5Page - Tyco Electronics 300094 Datasheet HTML 6Page - Tyco Electronics 300094 Datasheet HTML 7Page - Tyco Electronics 300094 Datasheet HTML 8Page - Tyco Electronics 300094 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
409-2426
Pneumatic Tools 68068 and 68068-1
Rev A
4 of 17
Tyco Electronics Corporation
Figure 2 (End)
Tool 68068-1
Handle and
Control Button
Tool 68068
Handle and
Control Button
Air Hose
101.6 [4.0]
184.1
[7.25]
305 [12] Approx
266.7 [10.5]
Jaw Assembly
1.2. Air Line Requirements
Use clean, dry, oil treated air, regulated between 552 kPa [80 psi] and 689 kPa [100 psi]. It is important that the
air pressure is maintained constantly within the required air pressure range. Pressure lower than stated will be
insufficient for the crimping operation. Pressure higher than stated may cause damage to the tool.
A filter and moisture separator, regulator, and lubricator (customer supplied) must be used with this tool to
ensure dependable performance and long life. It is strongly recommended that the units be installed at each
tool in the order shown in Figure 3. Mount the units as close as possible to the tool, preferably where the tool
hose is connected to the air system. Make sure that the units are checked regularly on an assigned schedule.
Suggested manufacturers and benefits realized by the use of this equipment is given in Figure 3.
1.3. Air Pressure CheckList
Check the air pressure at the tool while the tool is operating.
A. If the Air Pressure is Below 552 kPa [80 psi]
1. Check the air compressor and air line pressure regulator for sufficient capacity, proper settings, and
mechanical condition.
2. Check for clogged or kinked air lines or hoses.
3. Check the air lines, hoses, and fittings or couplings for correct size (may be too small).
B. If the Air Pressure is Above 669 kPa [100 psi]
Check the air compressor and air line pressure regulator for proper settings and mechanical condition.
1.4. Safety Precautions
To avoid personal injury or damage to the tool, carefully observe the following safety precautions before and
during operation of the tool.
— ALWAYS disconnect the air supply before changing the jaw assembly or performing any maintenance
on the tool
— ALWAYS keep fingers clear of the jaws when operating the tool
— ALWAYS ensure that the correct type and size terminal or splice is used in the jaw assembly
— ALWAYS ensure that the pivot pins are fully inserted into the jaws
— NEVER operate the tool without the jaw assembly installed; otherwise, damage to the tool could occur
— NEVER allow air pressure to exceed 689 kPa [100 psi]


Similar Part No. - 300094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3000942 PHOENIX-3000942 Datasheet
56Kb / 2P
   FBR 80-5-EX
logo
Winchester Electronics ...
300094IV WINCHESTER-300094IV Datasheet
268Kb / 1P
   Modular Plugs
300094WH WINCHESTER-300094WH Datasheet
268Kb / 1P
   Modular Plugs
More results

Similar Description - 300094

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-067 GLENAIR-600-067 Datasheet
258Kb / 1P
   Pneumatic Banding Tools
logo
Rosenberger Hochfrequen...
32W100-023 ROSENBERGER-32W100-023 Datasheet
77Kb / 1P
   FLARING TOOLS
logo
TE Connectivity Ltd
408-7158 TEC-408-7158 Datasheet
468Kb / 2P
   Extraction Tools
logo
List of Unclassifed Man...
WC-620 ETC2-WC-620 Datasheet
70Kb / 6P
   Crimping tools
logo
SICK AG
ES21-XA100 SICK-ES21-XA100 Datasheet
279Kb / 3P
   Mounting tools
logo
Bourns Electronic Solut...
H-90 BOURNS-H-90 Datasheet
50Kb / 1P
   Adjustment Tools
logo
List of Unclassifed Man...
WC-590 ETC2-WC-590 Datasheet
70Kb / 6P
   Crimping tools
logo
NXP Semiconductors
CODEWARRIORPRDS NXP-CODEWARRIORPRDS Datasheet
416Kb / 9P
   Development Tools
REV 0
logo
TE Connectivity Ltd
408-4374 TEC-408-4374 Datasheet
213Kb / 2P
   Extraction Tools
logo
List of Unclassifed Man...
36590 ETC2-36590 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com