Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJE-0041 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ARJE-0041
Description  100BASE-T RJ45 JACK W/INTEGRATED MAGNETICS SUITABLE FOR PIH REFLOW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJE-0041 Datasheet(HTML) 3 Page - Abracon Corporation

  ARJE-0041 Datasheet HTML 1Page - Abracon Corporation ARJE-0041 Datasheet HTML 2Page - Abracon Corporation ARJE-0041 Datasheet HTML 3Page - Abracon Corporation ARJE-0041 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 09/26/2016
100BASE-T RJ45 JACK W/INTEGRATED MAGNETICS
SUITABLE FOR PIH REFLOW
ARJE-0041
21.72 x 16.26 x 14.10mm
RoHS/RoHS II Compliant
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
SCHEMATIC
REFLOW
Zone
Description
Temperature
Time
1
Preheat
T
SMIN ~ TSMAX
150°C ~ 200°C
60 ~ 180 sec.
2
Reflow
T
L
217°C
60 ~ 150 sec.
3
Peak heat
T
P
245°C
20 ~ 40 sec.


Similar Part No. - ARJE-0041

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJE-0040 ABRACON-ARJE-0040 Datasheet
802Kb / 4P
   RJ45 1000 BASE-T JACK WITH MAGNETIC MODULE SUITABLE FOR PIH REFLOW
09/26/2016
More results

Similar Description - ARJE-0041

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJE-0040 ABRACON-ARJE-0040 Datasheet
802Kb / 4P
   RJ45 1000 BASE-T JACK WITH MAGNETIC MODULE SUITABLE FOR PIH REFLOW
09/26/2016
logo
Bothhand USA, LP.
DU1D201A1 BOTHHAND-DU1D201A1 Datasheet
407Kb / 5P
   10/100Base-T RJ45 2x1 Integrated Magnetics Connector
DU6T201A1 BOTHHAND-DU6T201A1 Datasheet
381Kb / 4P
   10/100Base-T RJ45 2x6 Integrated Magnetics Connector
logo
XFMRS Inc.
XFATM3B XFMRS-XFATM3B_15 Datasheet
50Kb / 1P
   10/100BASE-T MAGNETICS MODULE
XFATM6PM XFMRS-XFATM6PM Datasheet
43Kb / 1P
   10/100BASE-T MAGNETICS MODULES
XF35066B1 XFMRS-XF35066B1 Datasheet
53Kb / 1P
   10/100BASE-T MAGNETICS MODULES
logo
LinkCom Manufacturing C...
LAN1851-50 LINKCOM-LAN1851-50 Datasheet
76Kb / 1P
   10/100BASE-T Magnetics Module
logo
Bel Fuse Inc.
S558-5999-W2-F BEL-S558-5999-W2-F Datasheet
102Kb / 2P
   10/100BASE-T LAN MAGNETICS
S558-5999-T7-F BEL-S558-5999-T7-F Datasheet
98Kb / 2P
   10/100BASE-T LAN MAGNETICS
S558-5999-U1 BEL-S558-5999-U1 Datasheet
32Kb / 2P
   10/100BASE-T LAN MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com