Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJP11A-MBSB-A-B-EMU2 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ARJP11A-MBSB-A-B-EMU2
Description  RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJP11A-MBSB-A-B-EMU2 Datasheet(HTML) 3 Page - Abracon Corporation

  ARJP11A-MBSB-A-B-EMU2 Datasheet HTML 1Page - Abracon Corporation ARJP11A-MBSB-A-B-EMU2 Datasheet HTML 2Page - Abracon Corporation ARJP11A-MBSB-A-B-EMU2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Peak temperature(Tp) : 250
± 10ºC
Peak temperature(Tp) time : 5sec max
REFLOW PROFILE:
||| | | | | | | | | | | | |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 05.13.16
Visit www.abracon.com for Terms & Conditions of Sale
16.26 x 13.84 x 21.59 mm
RoHS
Compliant
RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
Packaging material: PET
PACKING: 60pcs/tray
Peak temperature(Tp) time : 5sec max
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
ARJP11A
Outer carton unit:1320 pcs/ 22 Trays/box


Similar Part No. - ARJP11A-MBSB-A-B-EMU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJP11A-MBSB-A-B-EMU2 ABRACON-ARJP11A-MBSB-A-B-EMU2 Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
More results

Similar Description - ARJP11A-MBSB-A-B-EMU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJP11B ABRACON-ARJP11B Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11A-MBSB-A ABRACON-ARJP11A-MBSB-A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11C ABRACON-ARJP11C Datasheet
2Mb / 4P
   RJ45 10/100 Base-T Jack with Magnetic Module and PoE
04.18.16
ARJP11C-MASD-AB ABRACON-ARJP11C-MASD-AB Datasheet
2Mb / 4P
   RJ45 10/100 Base-T Jack with Magnetic Module and PoE
04.18.16
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJU21A ABRACON-ARJU21A Datasheet
3Mb / 5P
   RJ45 Single USB Jack with 10/100 Base-TX Magnetic
01.23.14
ARJU21A-MCSA-AD ABRACON-ARJU21A-MCSA-AD Datasheet
3Mb / 5P
   RJ45 Single USB Jack with 10/100 Base-TX Magnetic
01.23.14
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com