Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJU31B-MASB-AD-B-FLU2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ARJU31B-MASB-AD-B-FLU2
Description  RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJU31B-MASB-AD-B-FLU2 Datasheet(HTML) 2 Page - Abracon Corporation

  ARJU31B-MASB-AD-B-FLU2 Datasheet HTML 1Page - Abracon Corporation ARJU31B-MASB-AD-B-FLU2 Datasheet HTML 2Page - Abracon Corporation ARJU31B-MASB-AD-B-FLU2 Datasheet HTML 3Page - Abracon Corporation ARJU31B-MASB-AD-B-FLU2 Datasheet HTML 4Page - Abracon Corporation ARJU31B-MASB-AD-B-FLU2 Datasheet HTML 5Page - Abracon Corporation ARJU31B-MASB-AD-B-FLU2 Datasheet HTML 6Page - Abracon Corporation ARJU31B-MASB-AD-B-FLU2 Datasheet HTML 7Page - Abracon Corporation ARJU31B-MASB-AD-B-FLU2 Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MECHANICAL DIMENSIONS
|
||| | | | | | | | | | | | |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.27.12
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
ARJU31B
RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
PC Board Layout
Component Side Shown
18.85
27.40
18.60
15.63
14.16
7.85
12.68
5.68
2.71
8
1
7.00
13.13
18.60
2.62
4.10
6.25
11.85
5 6 7 8
4
3
2
1
O 2.30x4
O 2.50x4
5
8
1
4
2.0
PRE-SOLDERING
2.5
2.83
2.90
14.40
2.54
2.83
O 0.9x20
9
10
11
12
LEFT
LED
RIGHT
LED
8.89
1.27
2.54
7
5
3
1
2
4
6
8
4.79
2.90
O 0.9x16
8.89
1.27
2.54
7
5
3
1
2
4
6
8
4.79
PC Board Layout
Component Side Shown
18.85
27.40
18.60
15.63
14.16
7.85
12.68
5.68
2.71
8
1
7.00
13.13
18.60
2.62
4.10
6.25
11.85
5 6 7 8
4
3
2
1
O 2.30x4
O 2.50x4
5
8
1
4
2.0
PRE-SOLDERING
2.5
MA: 8PIN
MB: 8PIN
18.85 x 30.52 x 27.40 mm


Similar Part No. - ARJU31B-MASB-AD-B-FLU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJU31B-MASB-AD-B-FLU2 ABRACON-ARJU31B-MASB-AD-B-FLU2 Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
ARJU31B-MASB-AD-B-FLU2 ABRACON-ARJU31B-MASB-AD-B-FLU2 Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
More results

Similar Description - ARJU31B-MASB-AD-B-FLU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJU31B-MCSN-A ABRACON-ARJU31B-MCSN-A Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
ARJU31B-MCSO-A ABRACON-ARJU31B-MCSO-A Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
logo
Premier Magnetics, Inc.
RJ45-102DYD2 PMI-RJ45-102DYD2 Datasheet
1Mb / 5P
   RJ45 10/100/1000 BASE-TX WITH DUAL USB
logo
Abracon Corporation
ARJU21A ABRACON-ARJU21A Datasheet
3Mb / 5P
   RJ45 Single USB Jack with 10/100 Base-TX Magnetic
01.23.14
ARJU21A-MCSA-AD ABRACON-ARJU21A-MCSA-AD Datasheet
3Mb / 5P
   RJ45 Single USB Jack with 10/100 Base-TX Magnetic
01.23.14
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A ABRACON-ARJ21A Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ14A ABRACON-ARJ14A Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJ14A-MESC-MU2 ABRACON-ARJ14A-MESC-MU2 Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJ12A-MASD-A ABRACON-ARJ12A-MASD-A Datasheet
13Mb / 7P
   RJ45 10/100/1000 Base-TX Tab down 1x2 Jack with Magnetic Module
06.09.14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com