Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ERB40 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # 10ERB40
Description  Fast Recovery and Low Price Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

10ERB40 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  10ERB40 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 10ERB40 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 10ERB40 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 10ERB40 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 10ERB40 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FORWARD CURRENT VS. VOLTAGE
10ERB40
0
0.4
0.8
1.2
1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
0.1
0.2
0.5
1
2
5
10
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
00.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A)
0
0.4
0.8
1.2
1.6
10ERB40
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°
FORWARD CURRENT VS. VOLTAGE
10ERB40
0
0.4
0.8
1.2
1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
0.1
0.2
0.5
1
2
5
10
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
00.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A)
0
0.4
0.8
1.2
1.6
10ERB40
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°


Similar Part No. - 10ERB40

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
10ERB40DG GULFSEMI-10ERB40DG Datasheet
171Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
logo
National Instruments Co...
10ERB40 NI-10ERB40_15 Datasheet
108Kb / 1P
   FRED
10ERB40_2015 NI-10ERB40_2015 Datasheet
108Kb / 1P
   FRED
More results

Similar Description - 10ERB40

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DFE10I600PM IXYS-DFE10I600PM Datasheet
132Kb / 2P
   Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPF30I300PA IXYS-DPF30I300PA Datasheet
136Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30I400HA IXYS-DPG30I400HA Datasheet
143Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30IM300PC IXYS-DPG30IM300PC Datasheet
148Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I600PA IXYS-DHG10I600PA Datasheet
105Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG10IM300UC IXYS-DPG10IM300UC Datasheet
211Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG60I1200HA IXYS-DHG60I1200HA Datasheet
108Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG10I200PM IXYS-DPG10I200PM Datasheet
137Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG60IM400QB IXYS-DPG60IM400QB Datasheet
146Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DSEP90-12AZ IXYS-DSEP90-12AZ Datasheet
187Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
20190220d
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com