Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

179960 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 179960
Description  AMP Dynamic Series Connectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

179960 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 179960 Datasheet HTML 5Page - Tyco Electronics 179960 Datasheet HTML 6Page - Tyco Electronics 179960 Datasheet HTML 7Page - Tyco Electronics 179960 Datasheet HTML 8Page - Tyco Electronics 179960 Datasheet HTML 9Page - Tyco Electronics 179960 Datasheet HTML 10Page - Tyco Electronics 179960 Datasheet HTML 11Page - Tyco Electronics 179960 Datasheet HTML 12Page - Tyco Electronics 179960 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
86
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
D-5200S — Standard
1-Row Type
Appearance
Board mounting pitch: 400mils (10.16mm)
Dielectric Withstanding Voltage: 3,000V (for one minute)
Voltage Rating: 630V AC
Tab Housing
(Panel Type)
Tab Housing
(Free-hanging Type)
Receptacle
Housing
Receptacle
Housing
Receptacle
Housing
Receptacle
Housing
Board-mount
Tab Header
(Horizontal Type)
Board-mount
Tab Header
(Vertical Type)
Tab Housing
(Panel Type)
(Free-hanging Type)
Board-mounting Tab Header
(Horizontal Type)
(Vertical Type)
Receptacle Housing
Tab Contact········For each line of contacts, refer to the appropriate pages.
Receptacle Contact
X
Y
X
Y
X
Y
X
Y
X
Y
1-179958-2
2-179958-2
1-179958-3
2-179958-3
1-179958-4
2-179958-4
1-179958-6
2-179958-6
1-353047-2
2-353047-2
1-353047-3
2-353047-3
1-353046-2
2-353046-2
1-353046-3
2-353046-3
No. of
Pos.
Keying
Part Number of
Receptacle Housings
Part Number of Tab Housings
Panel Type
2
3
4
5
6
Free-hanging Type
Note: Enter the following plating code in Part Number suffix-J
-2 = 0.38 µm thick gold plating
-3 = 0.76 µm thick gold plating
1-353079-J
2-353079-J
1-353081-J
2-353081-J
1-917541-J
2-917541-J
1-179959-J
2-179959-J
Part Number Board-mounting Tab Headers
Horizontal Type
8-350381-2
9-350381-2
8-917541-2
9-917541-2
Sequential Type
8-353082-2
9-353082-2
8-917542-2
9-917542-2
Sequential Type
1-353080-J
2-353080-J
1-353082-J
2-353082-J
1-917542-J
2-917542-J
1-179960-J
2-179960-J
Vertical Type
Use low 4- and 6-position
D-5200MS, 4- and 6-position
Panel and Free-hanging Types.


Similar Part No. - 179960

ManufacturerPart #DatasheetDescription
logo
Heyco.
1799 HEYCO-1799 Datasheet
157Kb / 1P
   RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Molex Electronics Ltd.
1799-MAG MOLEX11-1799-MAG Datasheet
112Kb / 1P
   TERMINAL - RIGHT ANGLE MODIFIED FOR EDGE CONNECTORS
1799-MAG1 MOLEX11-1799-MAG1 Datasheet
112Kb / 1P
   TERMINAL - RIGHT ANGLE MODIFIED FOR EDGE CONNECTORS
1799-MAT MOLEX11-1799-MAT Datasheet
112Kb / 1P
   TERMINAL - RIGHT ANGLE MODIFIED FOR EDGE CONNECTORS
logo
Weidmuller
1799010000 WEIDMULLER-1799010000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/02/90G 3.2SN BK BX
More results

Similar Description - 179960

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com