Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2940IMP-10 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940IMP-10
Description  1A Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940IMP-10 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2940IMP-10 Datasheet HTML 6Page - National Semiconductor (TI) LM2940IMP-10 Datasheet HTML 7Page - National Semiconductor (TI) LM2940IMP-10 Datasheet HTML 8Page - National Semiconductor (TI) LM2940IMP-10 Datasheet HTML 9Page - National Semiconductor (TI) LM2940IMP-10 Datasheet HTML 10Page - National Semiconductor (TI) LM2940IMP-10 Datasheet HTML 11Page - National Semiconductor (TI) LM2940IMP-10 Datasheet HTML 12Page - National Semiconductor (TI) LM2940IMP-10 Datasheet HTML 13Page - National Semiconductor (TI) LM2940IMP-10 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics (Continued)
Low Voltage Behavior
Low Voltage Behavior
00882228
00882229
Low Voltage Behavior
Output at Voltage Extremes
00882230
00882231
Output at Voltage Extremes
Output at Voltage Extremes
00882232
00882233
www.national.com
10


Similar Part No. - LM2940IMP-10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2940IMP-10 TI1-LM2940IMP-10 Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940IMP-10 TI1-LM2940IMP-10 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940IMP-10/NOPB TI1-LM2940IMP-10/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940IMP-10/NOPB TI1-LM2940IMP-10/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results

Similar Description - LM2940IMP-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com