Selected language     English  ▼


LM3354MM-4.1 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM3354MM-4.1
Description  Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 11 page
background image
Driving Light Emitting Diodes
The LM3354 can be used to drive LED’s of nearly any color.
The 4.1V option is ideal for driving the White LED’s required
for the backlight of small color displays.
Figure 4 shows the
circuit used to power White LED’s. The LED current is set by
the resistors R
B by using the equation ILED = (4.1V − VF)/RB
where V
F is the typical forward voltage drop of the LED used.
The brightness of the diodes may be controlled using the
shutdown pin. A PWM signal on the shutdown pin may be
used to adjust the brightness by varying the duty cycle. A
signal between 60Hz and 200Hz may be used for best
linearity. In this case the equivalent LED current is approxi-
mately equal to the maximum current multiplied by the duty
cycle. Using frequencies above 200Hz may cause less linear
results as the charge and discharge time of the output
capacitor becomes more significant.
Layout Considerations
Due to the 1 MHz typical switching frequency of the LM3354,
careful board layout is a must. It is important to place the
capacitors as close to the IC as possible and to keep the
traces between the capacitors and the IC short and direct.
Use of a ground plane is recommended.
Figure 5 shows a
typical layout as used in the LM3354 evaluation board.
DS200188-16
FIGURE 5. Typical Layout, Top View (magnification 1.5X)
www.national.com
11




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3354-37Regulated 90mA Buck-Boost Switched Capacitor DC/DC 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3352Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3355Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2685Dual Output Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2686Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
ADP3604Switched Capacitor Voltage Converter with Regulated Output 1 2 3 4 5 MoreAnalog Devices
LM2750Low Noise 5.0V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM27603.3V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2662Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2664Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl