Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG1111R Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # BG1111R
Description  Single Color 3216 Reverse Mount Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

BG1111R Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button BG1111R Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Technical Data(PG)
Page 8
2004.10.26
Single Color 3216 Reverse Mount Type
1111R Series
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)


Similar Part No. - BG1111R

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG1111C STANLEY-BG1111C Datasheet
78Kb / 7P
   Flat Lens Type 1.6X0.8mm
More results

Similar Description - BG1111R

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
AA1102W-TR STANLEY-AA1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
HPG1105W-TR STANLEY-HPG1105W-TR Datasheet
549Kb / 21P
   Single Color 3216 Dome Lenz Type
HBG1105W STANLEY-HBG1105W Datasheet
542Kb / 21P
   Single Color 3216 Dome Lenz Type
logo
Rohm
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com