Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG1111R Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # BG1111R
Description  Single Color 3216 Reverse Mount Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

BG1111R Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  BG1111R Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. BG1111R Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Color and Luminous Intensity
Page 2
TYP.
I
F
MIN.
T YP.
I
F
BG1111R
Ga P
Gre e n
558
20
1.6
2.7
20
P G1111R
Ga P
Gre e n
567
20
4.1
6.9
20
P Y1111R
Ga P
Ye llow
Green
572
20
7.6
12.7
20
AY1111R
Ga AsP
Ye llow
590
20
2.2
3.7
20
AA1111R
Ga AsP
Orang e
606
20
2.2
3.7
20
BR1111R
Ga AlAs
Re d
647
20
7.6
12.7
20
Iv (mc d)
Lens
Color
Luminous Intens ity
Dominant
Wavelength
λd (nm)
Part No.
Material
Emitted
Color
Milky
White
2004.10.26
Single Color 3216 Reverse Mount Type
1111R Series
(Ta=25℃)


Similar Part No. - BG1111R

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG1111C STANLEY-BG1111C Datasheet
78Kb / 7P
   Flat Lens Type 1.6X0.8mm
More results

Similar Description - BG1111R

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
AA1102W-TR STANLEY-AA1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
HPG1105W-TR STANLEY-HPG1105W-TR Datasheet
549Kb / 21P
   Single Color 3216 Dome Lenz Type
HBG1105W STANLEY-HBG1105W Datasheet
542Kb / 21P
   Single Color 3216 Dome Lenz Type
logo
Rohm
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com