Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN504 Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # AN504
Description  Through-hole IRED/Right Angle Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AN504 Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  AN504 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. AN504 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. AN504 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. AN504 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. AN504 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. AN504 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. AN504 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. AN504 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. AN504 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
Item
Symbol
Unit
Power Dissipation
Pd
mW
Forward Current
IF
mA
Pulse Forward Current
※ 1
IFRM
mA
⊿IF
mA/℃
⊿IFRM
mA/℃
Reverse Voltage
VR
V
Operating Temperature
Topr
Storage Temperature
Tstg
※1 IFRM Measurement condition : Pulse Width≦100μs, Duty≦1/100
Electro-Optical Characteristics
Conditions
TYP.
1.3
MAX.
1.5
Reverse Current
VR=5V
IR
MAX.
10
μA
MIN.
1.5
TYP.
3
Total Output Power
IF=50mA
Po
TYP.
5
mW
Peak Wavelength
IF=50mA
λ
p
TYP.
950
nm
Spectral Half-width
IF=50mA
⊿λ
TYP.
45
nm
Half Intensity Angle
IF=50mA
2θ1/2
TYP.
60
deg.
MIN.
-
TYP.
0.5
Response Time
IF=50mA
tr/tf
TYP.
700
ns
Derating
(Ta=25℃ or higher)
Item
Symbol
Characteristics
1.33
13.3
5
-30~+85
-30~+100
Absolute Maximum Ratings
150
100
1,000
V
mW/sr
Unit
Forward Voltage
IF=50mA
VF
MHz
Cut-off Frequency
IF=50mADC±5mA,
-3db from 0.1MHz
Radiant Intensity
IF=50mA
IE
fc
Page 2
Through-hole IRED/Right Angle Type
AN504
2004.11.17
(Ta=25℃)
(Ta=25℃)


Similar Part No. - AN504

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN504 VISHAY-AN504 Datasheet
156Kb / 12P
   Video Crosspoint Switch Simplifies Large Matrix Designs
05-Aug-99
logo
STANLEY ELECTRIC CO.,LT...
AN504 STANLEY-AN504 Datasheet
246Kb / 4P
   THROUGH-HOLE SHAPE - INFRARED LED
More results

Similar Description - AN504

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN3804X STANLEY-AN3804X Datasheet
236Kb / 11P
   Through-hole IRED/3 Type
AN3803X STANLEY-AN3803X Datasheet
243Kb / 11P
   Through-hole IRED/3 Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
   Through-hole IRED/5 Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
   Through-hole IRED/?5 High Speed Type
DNP331 STANLEY-DNP331 Datasheet
178Kb / 10P
   Through-hole IRED/3 Wide Distribution Type
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
   Surface Mount IRED/Right Angle Type
DNP325-4 STANLEY-DNP325-4 Datasheet
179Kb / 10P
   Through-hole IRED/5 High Radiant Intensity Type
DNK5306X STANLEY-DNK5306X Datasheet
243Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
DNK5307B STANLEY-DNK5307B Datasheet
238Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com