Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3G-1205S-NZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM3G-1205S-NZ
Description  1500 and 3000VDC I/O Isolation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3G-1205S-NZ Datasheet(HTML) 4 Page - AIMTEC

  AM3G-1205S-NZ Datasheet HTML 1Page - AIMTEC AM3G-1205S-NZ Datasheet HTML 2Page - AIMTEC AM3G-1205S-NZ Datasheet HTML 3Page - AIMTEC AM3G-1205S-NZ Datasheet HTML 4Page - AIMTEC AM3G-1205S-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM3G-NZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.E
4 of 5
North America only
Derating
Free Air Convection
-40
-20
0
2040
6080
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
85 C
º
105
Recommended EMC Circuit
Model
C1, C2
C4
LDM
MOV
TVS
C3
LDM2
Cd
D1
R1
5 Vin
4.7µF / 50V
1nF /3KV
12 µH
-
SMCJ13A
680µF / 16V
-
47nF /100V
RB160M-60/1A
See
Formula
12 Vin
4.7µF / 50V
1nF /3KV
12 µH
-
SMCJ28A
680µF / 25V
-
47nF /100V
RB160M-60/1A
See
Formula
24 Vin
4.7µF / 50V
1nF /3KV
12 µH
S14K35
SMCJ48A
330µF / 50V
56µH
47nF /100V
RB160M-60/1A
See
Formula
48 Vin
4.7µF / 100V
1nF /3KV
12 µH
S14K60
SMCJ90A
330µF / 100V
56µH
47nF /100V
RB160M-60/1A
See
Formula
Note: Fuse is user selectable
R1 = ((Vcd – Vd1 – 1.0) / Icntl) ‐ 300


Similar Part No. - AM3G-1205S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-1205S-NZ AIMTEC-AM3G-1205S-NZ Datasheet
203Kb / 3P
   3 Watt, DC-DC Converter
AM3G-1205S-NZ AIMTEC-AM3G-1205S-NZ Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3G-1205S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM6TI-Z AIMTEC-AM6TI-Z Datasheet
190Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
AET ARTESYN-AET Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
logo
Wall Industries,Inc.
MSLUH WALL-MSLUH Datasheet
168Kb / 5P
   3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
logo
PEAK electronics GmbH
P15VG-123R3E21LF PEAK-P15VG-123R3E21LF Datasheet
154Kb / 4P
   1.6 kV DC I/O Isolation
logo
Contec Co., Ltd
CPSN-DIO-08SL CONTEC-CPSN-DIO-08SL Datasheet
443Kb / 3P
   Digital I/O Module Opto-Isolation
logo
Texas Instruments
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com