Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1747147 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1747147
Description  AMP Dynamic Series Connectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1747147 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 1747147 Datasheet HTML 2Page - Tyco Electronics 1747147 Datasheet HTML 3Page - Tyco Electronics 1747147 Datasheet HTML 4Page - Tyco Electronics 1747147 Datasheet HTML 5Page - Tyco Electronics 1747147 Datasheet HTML 6Page - Tyco Electronics 1747147 Datasheet HTML 7Page - Tyco Electronics 1747147 Datasheet HTML 8Page - Tyco Electronics 1747147 Datasheet HTML 9Page - Tyco Electronics 1747147 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
83
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
-55°~+105°C
Current Rating
Voltage Rating
Performance Characteristics
and Specifications (Continued)
Technical Documents
Specifications and Instruction Sheets
Product Specification
Test Report
Application Specification
Extraction Tool (Part Number 409158-1) Instruction Sheet
Crimping Tool P/N : 234170-1
Crimping Tool P/N : 234171-1
Crimping Tool P/N: 1366656-1
Crimping Tool P/N: 1366044-1
Hand Tool
Instruction
Sheets
108-5453
501-5188
114-5206
411-5712
411-5713
411-5969
411-5976
411-5774
*Don't fail to obtain Instruction Sheets and other appropriate papers when you adopt our products.
Safety Specifications
The following safety specifications are applicable to specific Part Numbers.
Contact Technical Support to check if approval is given for each Part Number you are using.
Note that there are instances where values differ from those given in Tyco Electronics
Performance Data.
D-5200 Series (400 mil, 10.16mm pitch)
D-5200Mα Series
Voltage Rating
630V AC
See preceding
page
Determined by
requirements
of equipment
in use.
Determined by
requirements of
equipment in
use.
600V AC
AWG
16
14
12
10
AWG
16
14
12
10
A
13
18
25
30
A
15
20
25
30
-30°~+105°C
600V AC
Temperature Rating
-55°~+105°C
-30°~+105°C
Temperature Rating
Specification
108-5453
UL
File No. E28476
(Recognized
Component)
CSA
Report No. LR7189
TÜV License No.
R9650368
IP Protection IP-10
Overvoltage
Classification (II)
Number of
repeated insertions
and withdrawals
allowed: 50 times.
See preceding
page
Determined by
requirements of
equipment in
use.
4
12.5
16
19.5
24
31
37.5
46
AWG
20
18
16
14
12
10
8
1~3
12.5
17.5
21
26
33
40
48
Current Rating
Pos.


Similar Part No. - 1747147

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
174710700 TEKTRONIX-174710700 Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
logo
Vishay Siliconix
17471E3 VISHAY-17471E3 Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
More results

Similar Description - 1747147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com