Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1747415 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1747415
Description  AMP Dynamic Series Connectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1747415 Datasheet(HTML) 2 Page - Tyco Electronics

  1747415 Datasheet HTML 1Page - Tyco Electronics 1747415 Datasheet HTML 2Page - Tyco Electronics 1747415 Datasheet HTML 3Page - Tyco Electronics 1747415 Datasheet HTML 4Page - Tyco Electronics 1747415 Datasheet HTML 5Page - Tyco Electronics 1747415 Datasheet HTML 6Page - Tyco Electronics 1747415 Datasheet HTML 7Page - Tyco Electronics 1747415 Datasheet HTML 8Page - Tyco Electronics 1747415 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
79
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-4000 Series (Continued)
AMP Dynamic Series Connectors
D-4200
Mating Dimensions
Receptacle Housing
No. of
Part Number
Dimensions
Pos.
Keying : X
Keying : Y
AB
2
1-1747276-2
2-1747276-2
17.55
27.35
3
1-1747276-3
2-1747276-3
23.90
33.70
4
1-1747276-4
2-1747276-4
30.25
40.05
Tab Housing
Free-hanging Type
Panel Type
Panel Cutout
No. of
Part Number Keying : X
Part Number Keying : Y
Dimensions
Pos.
Panel Type
Free-hanging Type
Panel Type
Free-hanging Type
AB
C*
3
1-1747535-3
1-1747414-3
2-1747635-3
2-1747414-3
28.7
32.7
46.0
*Applicable to Panel Type only.
Mating Tab Housings
Part Number:
J
-1747535-J
J
-1747414-J
J
-1747277-J
Mating Receptacle Housing
Part Number:
J
-1747276-J


Similar Part No. - 1747415

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
17474 CANDD-17474 Datasheet
83Kb / 2P
   Radial Lead Inductors
logo
Tyco Electronics
1747407-4 MACOM-1747407-4 Datasheet
433Kb / 4P
   DDR1 DDR2 SODIMM SOCKET 0.6MM PITCH 200POS 8MM HEIGHT STANDARD TYPE (LATCH DIRECT SOLDERING TYPE)
logo
PHOENIX CONTACT
1747485 PHOENIX-1747485 Datasheet
53Kb / 3P
   Printed-circuit board connector - MSTBV 2,5/16-G-5,08 AU
logo
Murata Manufacturing Co...
17474C MURATA-17474C Datasheet
90Kb / 2P
   Radial Lead Inductors
logo
Murata Power Solutions ...
17474C MURATA-PS-17474C Datasheet
239Kb / 2P
   Radial Lead Inductors
More results

Similar Description - 1747415

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com