Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM341 Datasheet(HTML) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM341
Description  3-Terminal Positive Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM341 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM341 Datasheet HTML 6Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
Typical Performance Characteristics (Continued)
Design Considerations
The LM78MXX/LM341XX fixed voltage regulator series has
built-in thermal overload protection which prevents the de-
vice from being damaged due to excessive junction tem-
perature.
The regulators also contain internal short-circuit protection
which limits the maximum output current, and safe-area pro-
tection for the pass transistor which reduces the short-circuit
current as the voltage across the pass transistor is in-
creased.
Although the internal power dissipation is automatically lim-
ited, the maximum junction temperature of the device must
be kept below +125ËšC in order to meet data sheet specifica-
tions. An adequate heatsink should be provided to assure
this limit is not exceeded under worst-case operating condi-
tions (maximum input voltage and load current) if reliable
performance is to be obtained).
1.0 Heatsink Considerations
When an integrated circuit operates with appreciable cur-
rent, its junction temperature is elevated. It is important to
quantify its thermal limits in order to achieve acceptable per-
formance and reliability. This limit is determined by summing
the individual parts consisting of a series of temperature
rises from the semiconductor junction to the operating envi-
ronment. A one-dimension steady-state model of conduction
heat transfer is demonstrated in The heat generated at the
device junction flows through the die to the die attach pad,
through the lead frame to the surrounding case material, to
the printed circuit board, and eventually to the ambient envi-
ronment. Below is a list of variables that may affect the ther-
mal resistance and in turn the need for a heatsink.
RθJC(Component Variables) Rθ
CA(Application Variables)
Leadframe Size & Material
Mounting Pad Size, Material,
& Location
No. of Conduction Pins
Placement of Mounting Pad
Die Size
PCB Size & Material
Die Attach Material
Traces Length & Width
Molding Compound Size and
Material
Adjacent Heat Sources
Volume of Air
Air Flow
Ambient Temperature
Shape of Mounting Pad
Quiescent Current
DS010484-16
Output Impedance
DS010484-17
Line Transient Response
DS010484-7
Load Transient Response
DS010484-8
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AX78XX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn