Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT273ADWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HCT273ADWG
Description  Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT273ADWG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HCT273ADWG Datasheet HTML 1Page - ON Semiconductor MC74HCT273ADWG Datasheet HTML 2Page - ON Semiconductor MC74HCT273ADWG Datasheet HTML 3Page - ON Semiconductor MC74HCT273ADWG Datasheet HTML 4Page - ON Semiconductor MC74HCT273ADWG Datasheet HTML 5Page - ON Semiconductor MC74HCT273ADWG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74HCT273A
http://onsemi.com
4
1.3 V
DATA
CLOCK
3.0 V
VALID
GND
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4.
3.0 V
GND
tsu
th
1.3 V
Figure 5. Test Circuit
SWITCHING WAVEFORMS
Figure 6. Expanded Logic Diagram
C
D R
Q
D0
3
2
Q0
C
D R
Q
D1
4
5
Q1
C
D R
Q
D2
7
6
Q2
C
D R
Q
D3
8
9
Q3
C
D R
Q
D4
13
12
Q4
C
D R
Q
D5
14
15
Q5
C
D R
Q
D6
17
16
Q6
C
D R
Q
D7
18
19
Q7
11
1
DATA
INPUTS
NONINVERTING
OUTPUTS
CLOCK
RESET
ORDERING INFORMATION
Device
Package
Shipping
MC74HCT273ADWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74HCT273ADWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74HCT273ADTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74HCT273ADWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT273ADWG ONSEMI-MC74HCT273ADWG Datasheet
141Kb / 7P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
More results

Similar Description - MC74HCT273ADWG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT273A MOTOROLA-MC74HCT273A Datasheet
131Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_11 Datasheet
141Kb / 7P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
MC74HCT273A ONSEMI-MC74HCT273A Datasheet
152Kb / 8P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC74HCT174A MOTOROLA-MC74HCT174A Datasheet
178Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
logo
Motorola, Inc
MC74HCT74A MOTOROLA-MC74HCT74A Datasheet
187Kb / 5P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com