Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71221ELQBAA-000TU Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH71221ELQBAA-000TU
Description  FSK/FM/ASK Transceiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221ELQBAA-000TU Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH71221ELQBAA-000TU Datasheet HTML 1Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 2Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 3Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 4Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221ELQBAA-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 5 of 44
Data Sheet
Rev. 009
Nov/15
1.4
Block Diagram
Fig. 1:
TH71221 block diagram
1.5
User Mode Features
The transceiver can operate in two different user modes. It can be used either as a 3wire-bus-controlled
programmable or as a stand-alone fixed-frequency device. After power up, the transceiver is set to Stand-
alone User Mode (SUM). In this mode, pins FS0/SDEN and FS1/LD must be connected to VEE or VCC in
order to set the desired frequency of operation. There are 4 pre-defined frequency settings: 315MHz,
433.92MHz, 868.3MHz and 915MHz. The logic level at pin FS0/SDEN must not be changed after power up
in order to remain in fixed-frequency mode.
After the first logic level change at pin FS0/SDEN, the transceiver enters into Programmable User Mode
(PUM). In this mode, the user can set any PLL frequency or mode of operation by the SCI. In SUM pins
FS0/SDEN and FS1/LD are used to set the desired frequency, while in PUM pin FS0/SDEN is part of the
3-wire serial control interface (SCI) and pin FS1/LD is the look detector output signal of the PLL synthesizer.
A mode control logic allows several operating modes. In addition to standby, transmit and receive mode, two
idle modes can be selected to run either the reference oscillator only or the whole PLL synthesizer. The PLL
settings for the PLL idle mode are taken over from the last operating mode which can be either receive or
transmit mode.
The different operating modes can be set in SUM and PUM as well. In SUM the user can program the trans-
ceiver via control pins RE/SCLK and TE/SDTA. In PUM the register bits OPMODE are used to select the
modes of operation while pins RE/SCLK and TE/SDTA are part of the SCI.
IN_LNA
LNA
IF
MIX
26
29
28
30
32
31
1
27
IFA
2
7
1.5pF
IN_DEM
3
MIX
Demodulator
FSK
OUT_DTA
OA2
bias
OUT_DEM
SW1
SW2
6
OA1
8
INT1
5
INT2/PDO
4
200k
VEE_PLL
OUT_PA
FSK
ASK
LO
25
PS_PA
24
11
19
9
17
16
15
13
12
RO
RO
R
counter
N
counter
RO
10
Control Logic
SCI
PKDET
VCO
PA
VCC_PLL
20
TNK_LO
23
22
LF
21
18
14


Similar Part No. - TH71221ELQBAA-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71221ELQ MELEXIS-TH71221ELQ Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
More results

Similar Description - TH71221ELQBAA-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
logo
List of Unclassifed Man...
TH7121 ETC1-TH7121 Datasheet
710Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
TH7120 ETC-TH7120 Datasheet
718Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
logo
Melexis Microelectronic...
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120_12 Datasheet
526Kb / 31P
   FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
   FSK /FM/ASK Receiver
TH7107 ETC2-TH7107 Datasheet
392Kb / 14P
   FSK/FM/ASK Transmitter
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com