Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX92251LSE-ABA-000-RE Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX92251LSE-ABA-000-RE
Description  Dual Hall Effect Latch with Speed & Direction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92251LSE-ABA-000-RE Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX92251LSE-ABA-000-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92251LSE-ABA-000-RE Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MLX92251LSE
Dual Hall Effect Latch with Speed & Direction
390109225103
Page 7 of 13
Datasheet
Rev 002
April/13
8 Application Information
8.1 Default Application Schematic
8.2 Recommended Application Schematic for ISO7637-2 (pulses 5a and 5b)
Notes:
1. Recommended for conducted transients on supply line above 32V with duration above 500ms.
2. Recommended for conducted transients on supply line above 36V.
3. Recommended zener diode Z1 is BZX55C27 or equivalent.
8.3
Speed (SP) Output Behavior vs. BOP/BRP


Similar Part No. - MLX92251LSE-ABA-000-RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92251LSE-ABA-000-RE MELEXIS-MLX92251LSE-ABA-000-RE Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
More results

Similar Description - MLX92251LSE-ABA-000-RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
logo
Honeywell Solid State E...
SS520 HONEYWELL-SS520 Datasheet
72Kb / 4P
   Dual Hall-effect Digital Position Sensors with speed & direction outputs
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
List of Unclassifed Man...
MLX90224 ETC-MLX90224 Datasheet
174Kb / 8P
   DUAL HALL EFFECT LATCH
logo
Honeywell Solid State E...
VF526DT HONEYWELL-VF526DT Datasheet
252Kb / 4P
   Bipolar Latch, Dual Hall-effect Digital Position Sensor with Speer and Direction Outputs
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com