Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62C1024L Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # 62C1024L
Description  128K x 8 LOW POWER CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

62C1024L Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  62C1024L Datasheet HTML 1Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 2Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 3Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 4Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 5Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 6Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 7Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 8Page - Integrated Silicon Solution, Inc 62C1024L Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. E
11/26/03
IS62C1024L
ISSI®
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
DESCRIPTION
The
ISSI IS62C1024L is a low power,131,072-word by 8-bit
CMOS static RAM. It is fabricated using
ISSI's high-performance
CMOS technology. This highly reliable process coupled
with innovative circuit design techniques, yields higher
performance and low power consumption devices.
When
CE1 is HIGH or CE2 is LOW (deselected), the
device assumes a standby mode at which the power
dissipation can be reduced by using CMOS input levels.
Easy memory expansion is provided by using two Chip
Enable inputs,
CE1 and CE2. The active LOW Write
Enable (
WE) controls both writing and reading of the
memory.
The IS62C1024L is available in 32-pin plastic SOP and
TSOP (type 1) packages.
FUNCTIONAL BLOCK DIAGRAM
128K x 8 LOW POWER CMOS STATIC RAM
FEATURES
• High-speed access time: 35, 70 ns
• Low active power: 450 mW (typical)
• Low standby power: 150 µW (typical) CMOS
standby
• Output Enable (
OE) and two Chip Enable
(
CE1 and CE2) inputs for ease in applications
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 5V (±10%) power supply
A0-A16
CE1
OE
WE
128K x 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
CE2
DECEMBER 2003


Similar Part No. - 62C1024L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62C1111-01-040C GRAYHILL-62C1111-01-040C Datasheet
430Kb / 2P
   Economical Size Combined Functionality
62C1111-02-040C GRAYHILL-62C1111-02-040C Datasheet
430Kb / 2P
   Economical Size Combined Functionality
62C1115-01-040C GRAYHILL-62C1115-01-040C Datasheet
5Mb / 33P
   Custom, Absolute
62C1115-01-040P GRAYHILL-62C1115-01-040P Datasheet
5Mb / 33P
   Custom, Absolute
62C1115-01-040S GRAYHILL-62C1115-01-040S Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62C1024L

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com