Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRG6SP-CBEA-1-1 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LRG6SP-CBEA-1-1
Description  white SMT package, colorless clear silicone resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRG6SP-CBEA-1-1 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LRG6SP-CBEA-1-1 Datasheet HTML 7Page - OSRAM GmbH LRG6SP-CBEA-1-1 Datasheet HTML 8Page - OSRAM GmbH LRG6SP-CBEA-1-1 Datasheet HTML 9Page - OSRAM GmbH LRG6SP-CBEA-1-1 Datasheet HTML 10Page - OSRAM GmbH LRG6SP-CBEA-1-1 Datasheet HTML 11Page - OSRAM GmbH LRG6SP-CBEA-1-1 Datasheet HTML 12Page - OSRAM GmbH LRG6SP-CBEA-1-1 Datasheet HTML 13Page - OSRAM GmbH LRG6SP-CBEA-1-1 Datasheet HTML 14Page - OSRAM GmbH LRG6SP-CBEA-1-1 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Version 1.1
LR G6SP
2014-10-23
11
Package Outline 8) page 20
Maßzeichnung 8) Seite 20
Approximate Weight:
40 mg
Gewicht:
40 mg
Mark:
Cathode
Markierung:
Kathode
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S /
336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75
% rh / 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200
ppb SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S /
336 h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]


Similar Part No. - LRG6SP-CBEA-1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRG6SP-CBEA-1-1-Z OSRAM-LRG6SP-CBEA-1-1-Z Datasheet
958Kb / 21P
   Advanced Power TOPLED
More results

Similar Description - LRG6SP-CBEA-1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-P4SG OSRAM-LB-P4SG Datasheet
639Kb / 22P
   white SMT package, colorless clear silicone resin
LCW-G6CP OSRAM-LCW-G6CP Datasheet
805Kb / 28P
   white SMT package, colorless clear silicone resin
LB-A6SG OSRAM-LB-A6SG Datasheet
269Kb / 16P
   white SMT package, colorless clear silicone resin
LR-G6SP OSRAM-LR-G6SP Datasheet
958Kb / 21P
   white SMT package, colorless clear silicone resin
LT-P4SG OSRAM-LT-P4SG Datasheet
597Kb / 22P
   white SMT package, colorless clear silicone resin
LCWG6CP OSRAM-LCWG6CP Datasheet
805Kb / 28P
   white SMT package, colorless clear silicone resin
LS-G6SP OSRAM-LS-G6SP Datasheet
958Kb / 21P
   white SMT package, colorless clear silicone resin
LT-G6SP OSRAM-LT-G6SP Datasheet
663Kb / 22P
   white SMT package, colorless clear silicone resin
LW-G6CP OSRAM-LW-G6CP Datasheet
674Kb / 23P
   white SMT package, colorless clear silicone resin
LUW-GVCP OSRAM-LUW-GVCP Datasheet
670Kb / 22P
   white SMT package, colorless clear silicone resin
LY-G6SP OSRAM-LY-G6SP Datasheet
611Kb / 21P
   white SMT package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com