Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUC1G00GV Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUC1G00GV
Description  Single 2-input NAND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUC1G00GV Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUC1G00GV Datasheet HTML 1Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 2Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 3Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 4Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 5Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 6Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 7Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 8Page - NXP Semiconductors 74AUC1G00GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2002 Nov 12
3
Philips Semiconductors
Preliminary specification
Single 2-input NAND gate
74AUC1G00
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
AB
Y
LL
H
LH
H
HLH
HH
L
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74AUC1G00GW
−40 to +85 °C
5
SC-88A
plastic
SOT353
FA
74AUC1G00GV
−40 to +85 °C
5
SC-74A
plastic
SOT753
F00
PIN
SYMBOL
DESCRIPTION
1
B
data input B
2
A
data input A
3
GND
ground (0 V)
4
Y
data output Y
5VCC
supply voltage
handbook, halfpage
1
2
3
5
4
MNA096
00
VCC
A
Y
GND
B
Fig.1 Pin configuration.
handbook, halfpage
MNA097
B
A
Y
2
1
4
Fig.2 Logic symbol.


Similar Part No. - 74AUC1G00GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUC1G02 PHILIPS-74AUC1G02 Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G02GV PHILIPS-74AUC1G02GV Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G02GW PHILIPS-74AUC1G02GW Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G04 PHILIPS-74AUC1G04 Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
74AUC1G04GV PHILIPS-74AUC1G04GV Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
More results

Similar Description - 74AUC1G00GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com