Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLBB Datasheet(PDF) 2 Page - Schurter Inc.

Part # FLBB
Description  IEC Connector C15 for hot conditions, Rewireable, Angled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FLBB Datasheet(HTML) 2 Page - Schurter Inc.

  FLBB Datasheet HTML 1Page - Schurter Inc. FLBB Datasheet HTML 2Page - Schurter Inc. FLBB Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Cord Connectors (rewireable)
4784
www.schurter.com /PG07
Connectors
All Variants
Color
Max. cable diameter
Max. wire size
Order Number
black
8.5 mm
3 x 1 mm² / 3 x 18 AWG
4784.0000
black
10 mm
3 x 2.1 mm² / 3 x 14 AWG
4784.0100
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-
Check-SCHURTER
Max. torque for screws: Terminals: 0.5 Nm, Cable clamps: 0.3 Nm, Cover: 0.3 Nm
Packaging unit
100 Pcs
Mating Inlets/Plugs
Category / Description
Appliance Inlet Overview complete
6100-3, Mounting: Screw, Solder terminals or quick connect terminals, Appliance Inlet: IEC C14
6100-3
6100-4, Mounting: Snap-in, Solder terminals or quick connect terminals, Appliance Inlet: IEC C14
6100-4
IEC Appliance Inlet C18, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6102-3
IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6102-5
G-Stecker, Mounting: Appliance Inlet : IEC C14 Without fuse holder
6150
Appliance Inlet further types to 4784
...
Distribution Unit Overview complete
Distribution Unit for Snap-in Mounting with 1 IEC Appliance Inlet C14 and 1 Appliance Outlet F
0712
Distribution Unit with 1 IEC Appliance Inlet C14 and 2 Appliance Outlets F, Shuttered
4741
Distribution Unit with 1 IEC Appliance Inlet C14 and 4 Appliance Outlets F
4747
Distribution Unit with 1 IEC Appliance Inlet C14 or Power Cord, 5 or 6 IEC Appliance Outlets F and Extra Components
4740
EMC Power Strip with Line Filter
FLBB
Distribution Unit further types to 4784
Plug Overview complete
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4732
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
4735
IEC Plug E, Cord Connector (Rewireable), Straight
9009
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 8.5 mm
4733
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4736
Plug further types to 4784
...
Power Entry Module Overview complete
DC11, Mounting: Screw, Rocker switch: non-illuminated or illuminated 1 or 2 pole, Quick connect terminals 4.8 x 0.8
mm, Appliance Inlet: IEC C14, Without fuse holder: Suitable for appliances with protection class I or II
DC11
KEB1, Mounting:Screw, Quick connect terminals 4.8 x 0.8 mm, Without fuse holder: Rocker switch, non-illuminated or
illuminated, red, 1-pole, Appliance Inlet: IEC C14, 250 VAC, prewired, Suitable for appliances with protection class I
KEB1
KEB2, Mounting:Screw, Quick connect terminals 4.8 x 0.8 mm, Without fuse holder: Rocker switch, non-illuminated or
illuminated, 2-pole, Appliance Inlet: IEC C14, 250 VAC, prewired, Suitable for appliances with protection class I
KEB2
DC21, Mounting: Screw Rear Side, Rocker switch: non-illuminated or illuminated 2-pole, Quick connect terminals 4.8
x 0.8 mm Appliance Inlet: IEC C14, Without fuse holder:
DC21
DD11, Mounting: Screw-on mounting, Rocker switch: non-illuminated or illuminated 2-pole, Quick connect terminals
4.8 x 0.8 mm, Appliance Inlet: IEC C14, With or without protection cover, Fuse holder: 1 or 2 pole, Suitable for appli-
ances with protection class I
DD11
Power Entry Module further types to 4784
...


Similar Part No. - FLBB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FLBB6A0207K03 AVX-FLBB6A0207K03 Datasheet
174Kb / 4P
   Medium Power Film Capacitors
FLBB6I0117K03 AVX-FLBB6I0117K03 Datasheet
174Kb / 4P
   Medium Power Film Capacitors
FLBB6I1326K03 AVX-FLBB6I1326K03 Datasheet
174Kb / 4P
   Medium Power Film Capacitors
FLBB6I1656K03 AVX-FLBB6I1656K03 Datasheet
174Kb / 4P
   Medium Power Film Capacitors
FLBB6J0776K03 AVX-FLBB6J0776K03 Datasheet
174Kb / 4P
   Medium Power Film Capacitors
More results

Similar Description - FLBB

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4784 SCHURTER-4784_V01 Datasheet
328Kb / 4P
   IEC Connector C15 for hot conditions 120째C, Rewireable, Angled
10.12.2021
4784 SCHURTER-4784_18 Datasheet
292Kb / 3P
   IEC Connector C15 for hot conditions 120, Rewireable, Angled
4781 SCHURTER-4781_V01 Datasheet
346Kb / 4P
   IEC Connector C15 for hot conditions 120째C, Rewireable, Straight
10.12.2021
4781 SCHURTER-4781_21 Datasheet
346Kb / 4P
   IEC Connector C15 for hot conditions 120째C, Rewireable, Straight
4781 SCHURTER-4781_18 Datasheet
299Kb / 3P
   IEC Connector C15 for hot conditions 120, Rewireable, Straight
8111 SCHURTER-8111 Datasheet
473Kb / 3P
   IEC Connector C15, Rewireable, Angled
8111 SCHURTER-8111_V01 Datasheet
235Kb / 3P
   IEC Connector C15, Rewireable, Angled
05.12.2014
1659.0000 SCHURTER-1659.0000 Datasheet
183Kb / 2P
   IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
1659 SCHURTER-1659_18 Datasheet
278Kb / 3P
   IEC Connector C21, for very hot conditions 155, Rewireable, Angled
1659 SCHURTER-1659_V01 Datasheet
288Kb / 3P
   IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
10.12.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com