Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6051.5001 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 6051.5001
Description  IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6051.5001 Datasheet(HTML) 2 Page - Schurter Inc.

  6051.5001 Datasheet HTML 1Page - Schurter Inc. 6051.5001 Datasheet HTML 2Page - Schurter Inc. 6051.5001 Datasheet HTML 3Page - Schurter Inc. 6051.5001 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors (Inlets/Outlets)
1681
www.schurter.com /PG07
Connectors
Dimensions
Screw-on mounting
42
3
3.3
6.3
E
22.3
13
N
L
32.3
33.1 ±0.10
42
3.4/M3
53
E: Quick-connect terminals 6.3x0.8 mm: 10.3 mm
E: Quick-connect terminals 4.8x0.8 mm: 9.3 mm
E: Solder terminals: 5.1 mm
E: Screw terminals: 10.3 mm
Snap-in mounting
36.2
3
E
22.3
13
N
L
32.8
33.1 ±0.10
X
E: Quick-connect terminals 6.3x0.8 mm: 10.3 mm
E: Quick-connect terminals 4.8x0.8 mm: 9.3 mm
E: Solder terminals: 5.1 mm
E: Screw terminals: 10.3 mm


Similar Part No. - 6051.5001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6051.0018 SCHURTER-6051.0018 Datasheet
212Kb / 3P
   NEMA line Outlet 1-15R, Snap-in Mounting, Front Side, Solder Terminal
05.01.2022
6051.2001 SCHURTER-6051.2001 Datasheet
438Kb / 2P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2001 SCHURTER-6051.2001 Datasheet
331Kb / 4P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2001 SCHURTER-6051.2001_18 Datasheet
331Kb / 4P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2003 SCHURTER-6051.2003 Datasheet
436Kb / 2P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
More results

Similar Description - 6051.5001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1681 SCHURTER-1681_18 Datasheet
311Kb / 5P
   IEC Appliance Inlet C22, for very hot conditions 155, Screw-on or Snap-in Mounting, Front Side
6173.0001 SCHURTER-6173.0001 Datasheet
356Kb / 4P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
1681 SCHURTER-1681_21 Datasheet
372Kb / 5P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
1681 SCHURTER-1681_V01 Datasheet
372Kb / 5P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
05.01.2022
1681_1810 SCHURTER-1681_1810 Datasheet
351Kb / 6P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
C22F SCHURTER-C22F_18 Datasheet
537Kb / 5P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
C22F SCHURTER-C22F_V01 Datasheet
574Kb / 6P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
04.01.2022
0184 SCHURTER-0184 Datasheet
300Kb / 2P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Quick-connect or Screw-on Terminal
1624 SCHURTER-1624 Datasheet
395Kb / 3P
   IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
1061 SCHURTER-1061 Datasheet
406Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com