Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3411AM5X-3.3 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3411AM5X-3.3
Description  Precision Secondary Regulator/Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3411AM5X-3.3 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3411AM5X-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM3411AM5X-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM3411AM5X-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM3411AM5X-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM3411AM5X-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM3411AM5X-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM3411AM5X-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM3411AM5X-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM3411AM5X-3.3 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Product Description
The LM3411 is a shunt regulator specifically designed to be
the reference and control section in an overall feedback loop
of a regulated power supply. The regulated output voltage is
sensed between the IN pin and GROUND pin of the LM3411.
If the voltage at the IN pin is less than the LM3411 regulating
voltage (V
REG), the OUT pin sources no current. As the volt-
age at the IN pin approaches the V
REG voltage, the OUT pin
begins sourcing current. This current is then used to drive a
feedback device, (opto-coupler) or a power device, (linear
regulator, switching regulator, etc.) which servos the output
voltage to be the same value as V
REG.
In some applications, (even under normal operating condi-
tions) the voltage on the IN pin can be forced above the
V
REG voltage. In these instances, the maximum voltage ap-
plied to the IN pin should not exceed 20V. In addition, an ex-
ternal resistor may be required on the OUT pin to limit the
maximum current to 20 mA.
Compensation
The inverting input of the error amplifier is brought out to al-
low overall closed-loop compensation. In many of the appli-
cations circuits shown here, compensation is provided by a
single capacitor connected from the compensation pin to the
out pin of the LM3411. The capacitor values shown in the
schematics are adequate under most conditions, but they
can be increased or decreased depending on the desired
loop response. Applying a load pulse to the output of a regu-
lator circuit and observing the resultant output voltage re-
sponse is a easy method of determining the stability of the
control loop. Analyzing more complex feedback loops re-
quires additional information.
The formula for AC gain at a frequency (f) is as follows;
where R
f ≈ 52 kΩ for the 3.3V part, and Rf ≈ 94 kΩ for the 5V
part.
The resistor (R
f) in the formula is an internal resistor located
on the die. Since this resistor value will affect the phase mar-
gin, the worst case maximum and minimum values are im-
portant when analyzing closed loop stability. The minimum
and maximum room temperature values of this resistor are
specified in the Electrical Characteristics section of this data
sheet, and a curve showing the temperature coefficient is
shown in the curves section. In the applications shown here,
the worst case phase margin occurs with minimum values of
R
f.
Test Circuit
The test circuit shown in
Figure 2 can be used to measure
and verify various LM3411 parameters. Test conditions are
set by forcing the appropriate voltage at the V
OUT Set test
point and selecting the appropriate R
L or IOUT as specified in
the Electrical Characteristics section. Use a DVM at the
“measure” test points to read the data.
DS011987-14
FIGURE 2. LM3411 Test Circuit
www.national.com
7


Similar Part No. - LM3411AM5X-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3411AM5X-3.3/NOPB TI1-LM3411AM5X-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   Precision Secondary Regulator and Driver
LM3411AM5X-3.3/NOPB TI1-LM3411AM5X-3.3/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   Precision Secondary Regulator and Driver
More results

Similar Description - LM3411AM5X-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3411 TI1-LM3411 Datasheet
2Mb / 32P
[Old version datasheet]   Precision Secondary Regulator and Driver
LM3411 TI-LM3411_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3411 Precision Secondary Regulator/Driver
LM3411-L TI1-LM3411-L Datasheet
1Mb / 31P
[Old version datasheet]   Precision Secondary Regulator and Driver
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
logo
ON Semiconductor
NCP81178 ONSEMI-NCP81178 Datasheet
200Kb / 17P
   Secondary Synchronous Rectifier Driver
July, 2015 ??Rev. 2
logo
List of Unclassifed Man...
STK7216 ETC-STK7216 Datasheet
119Kb / 2P
   SECONDARY CHOPPER REGULATOR FOR VTR
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com