Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.6008 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 0034.6008
Description  Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.6008 Datasheet(HTML) 4 Page - Schurter Inc.

  0034.6008 Datasheet HTML 1Page - Schurter Inc. 0034.6008 Datasheet HTML 2Page - Schurter Inc. 0034.6008 Datasheet HTML 3Page - Schurter Inc. 0034.6008 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Non resettable fuses
MSF 250
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Melting I²t
10.0 Intyp.
[A²s]
S L T Order Number
0.315
250
1)
400
345
330
0.104
l
l
l
l
0034.6069
0.4
250
1)
370
80
390
0.044
l
l
l
l
0034.6070
0.63
250
1)
320
70
530
0.15
l
l
l
l
0034.6072
0.8
250
1)
300
70
630
0.22
l
l
l
l
0034.6073
1
250
1)
280
70
740
0.33
l
l
l
l
0034.6074
1.25
250
1)
280
65
920
0.68
l
l
l
l
0034.6075
1.6
250
1)
250
70
1000
0.94
l
l
l
l
0034.6076
2
250
1)
240
70
1360
1.3
l
l
l
l
0034.6077
2.5
250
1)
200
65
1310
1.9
l
l
l
l
0034.6078
3.15
250
1)
180
65
1490
5.4
l
l
l
l
0034.6079
4
250
2)
160
60
1680
7.9
l
l
0034.6080
5
250
2)
150
60
1970
11.2
l
l
0034.6081
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) 35 A @ 250 VAC
2) 10 In @ 250 VAC
Packaging Unit
S = 4.3 mm
Plastic Bag (100 pcs.)
L = 18.8 mm
Bulk (100 pcs.)
T = 18.8 mm
Taped 36 cm Reel (750 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 0034.6008

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.6008 SCHURTER-0034.6008 Datasheet
595Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
More results

Similar Description - 0034.6008

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSF250 SCHURTER-MSF250_18 Datasheet
311Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250_V02 Datasheet
390Kb / 5P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
04.01.2022
00346000 SCHURTER-00346000 Datasheet
595Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
172593 SCHURTER-172593 Datasheet
282Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
172593 SCHURTER-172593_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 4.05 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSF SCHURTER-MSF Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com